Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601ACB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6601ACB
Description  Synchronous Rectified Buck MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601ACB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6601ACB Datasheet HTML 1Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 2Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ti
Block Diagrams
HIP6601A AND HIP6603A
HIP6604 QFN PACKAGE
PVCC
VCC
PWM
+5V
10K
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
GND
† VCC FOR HIP6601A
†
PVCC FOR HIP6603A
FOR HIP6601ECB AND HIP6603ECB DEVICES, THE PAD ON THE BOTTOM
PAD
SIDE OF THE PACKAGE MUST BE SOLDERED TO THE PC BOARD.
PVCC
VCC
PWM
+5V
10K
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
PGND
LVCC
CONNECT LVCC TO VCC FOR HIP6601A CONFIGURATION
GND
PAD
PAD ON THE BOTTOM SIDE OF THE PACKAGE MUST BE SOLDERED TO THE PC BOARD
CONNECT LVCC TO PVCC FOR HIP6603A CONFIGURATION.
HIP6601A, HIP6603A, HIP6604



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com