Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R51 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC93R51
Description  Low Voltage PLL Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R51 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC93R51 Datasheet HTML 1Page - Renesas Technology Corp MPC93R51 Datasheet HTML 2Page - Renesas Technology Corp MPC93R51 Datasheet HTML 3Page - Renesas Technology Corp MPC93R51 Datasheet HTML 4Page - Renesas Technology Corp MPC93R51 Datasheet HTML 5Page - Renesas Technology Corp MPC93R51 Datasheet HTML 6Page - Renesas Technology Corp MPC93R51 Datasheet HTML 7Page - Renesas Technology Corp MPC93R51 Datasheet HTML 8Page - Renesas Technology Corp MPC93R51 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MPC93R51
REVISION 4 MARCH 14, 2016
3
©2013 Integrated Device Technology, Inc.
MPC93R51 Data Sheet
LOW VOLTAGE PLL CLOCK DRIVER
Table 1. Pin Description
Number
Name
Type
Description
PCLK, PCLK
Input
LVPECL
Differential clock reference
Low voltage positive ECL input
TCLK
Input
LVCMOS
Single ended reference clock signal or test clock
EXT_FB
Input
LVCMOS
Feedback signal input, connect to a QA, QB, QC, QD output
REF_SEL
Input
LVCMOS
Selects input reference clock
FSELA
Input
LVCMOS
Output A divider selection
FSELB
Input
LVCMOS
Output B divider selection
FSELC
Input
LVCMOS
Outputs C divider selection
FSELD
Input
LVCMOS
Outputs D divider selection
OE
Input
LVCMOS
Output enable/disable
QA
Output
LVCMOS
Bank A clock output
QB
Output
LVCMOS
Bank B clock output
QC0, QC1
Output
LVCMOS
Bank C clock outputs
QD0 – QD4
Output
LVCMOS
Bank D clock outputs
VCCA
Supply
VCC
Positive power supply for the PLL
VCC
Supply
VCC
Positive power supply for I/O and core
GND
Supply
Ground
Negative power supply
Table 2. Function Table
Control
Default
0
1
REF_SEL
0
Selects PCLK as reference clock
Selects TCLK as reference clock
PLL_EN
1
Test mode with PLL disabled. The input clock is
directly routed to the output dividers
PLL enabled. The VCO output is routed to the
output dividers
OE
0
Outputs enabled
Outputs disabled, PLL loop is open
VCO is forced to its minimum frequency
FSELA
0
QA = VCO
 2
QA = VCO
 4
FSELB
0
QB = VCO
 4
QB = VCO
 8
FSELC
0
QC = VCO
 4
QC = VCO
 8
FSELD
0
QD = VCO
 4
QD = VCO
 8
Table 3. Absolute Maximum Ratings(1)
Symbol
Characteristics
Min
Max
Unit
VCC
Supply Voltage
-0.3
4.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com