Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R51 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC93R51
Description  Low Voltage PLL Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R51 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC93R51 Datasheet HTML 1Page - Renesas Technology Corp MPC93R51 Datasheet HTML 2Page - Renesas Technology Corp MPC93R51 Datasheet HTML 3Page - Renesas Technology Corp MPC93R51 Datasheet HTML 4Page - Renesas Technology Corp MPC93R51 Datasheet HTML 5Page - Renesas Technology Corp MPC93R51 Datasheet HTML 6Page - Renesas Technology Corp MPC93R51 Datasheet HTML 7Page - Renesas Technology Corp MPC93R51 Datasheet HTML 8Page - Renesas Technology Corp MPC93R51 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MPC93R51
REVISION 4 MARCH 14, 2016
2
©2013 Integrated Device Technology, Inc.
MPC93R51 Data Sheet
LOW VOLTAGE PLL CLOCK DRIVER
Figure 1. MPC93R51 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
D
Q
PLL
(Pulldown)
EXT_FB
FSELA
QA
REF_SEL
0
1
(Pullup)
Ref
FB
200 – 480 MHz
2
4
8
QB
0
1
0
1
0
1
FSELB
FSELC
(Pulldown)
(Pulldown)
(Pullup)
(Pulldown)
PLL_EN
FSELD
D
Q
QC1
0
1
D
Q
QC0
QD2
0
1
D
Q
QD1
QD0
QD4
QD3
(Pulldown)
(Pulldown)
(Pulldown)
(Pulldown)
TCLK
PCLK
OE
PCLK
The MPC93R51 requires an external RC filter for the analog power supply pin VCCA. Please see Applications Information for details.
GND
QB
VCCO
QA
GND
TCLK
PLL_EN
QD2
VCCO
QD3
GND
QD4
VCCO
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1234
5
67
8
24
23
22
21
20
19
18
17
16
MPC93R51
REF_SEL
OE
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com