Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R51 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC93R51
Description  Low Voltage PLL Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R51 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC93R51 Datasheet HTML 1Page - Renesas Technology Corp MPC93R51 Datasheet HTML 2Page - Renesas Technology Corp MPC93R51 Datasheet HTML 3Page - Renesas Technology Corp MPC93R51 Datasheet HTML 4Page - Renesas Technology Corp MPC93R51 Datasheet HTML 5Page - Renesas Technology Corp MPC93R51 Datasheet HTML 6Page - Renesas Technology Corp MPC93R51 Datasheet HTML 7Page - Renesas Technology Corp MPC93R51 Datasheet HTML 8Page - Renesas Technology Corp MPC93R51 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MPC93R51
REVISION 4 MARCH 14, 2016
5
©2013 Integrated Device Technology, Inc.
MPC93R51 Data Sheet
LOW VOLTAGE PLL CLOCK DRIVER
Table 6. AC Characteristics (VCC = 3.3 V  5%, TA = 0° to 70°C)
(1)
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency(2)
 4 feedback
 8 feedback
Static test mode
2. The PLL will be unstable with a divide by 2 feedback ratio
50
25
0
120
60
300
MHz
MHz
MHz
PLL_EN = 1
PLL_EN = 1
PLL_EN = 0
fVCO
VCO Frequency
200
480
MHz
fMAX
Maximum Output Frequency(2)
 2 output
 4 output
 8 output
100
50
25
240
120
60
MHz
MHz
MHz
frefDC
Reference Input Duty Cycle
25
75
%
VPP
Peak-to-Peak Input Voltage
PCLK, PCLK
500
1000
mV
LVPECL
VCMR
(3)
3. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t().
Common Mode Range
PCLK, PCLK
1.2
VCC–0.9
V
LVPECL
tr, tf
(4)
4. The MPC93R51 will operate with input rise/fall times up to 3.0 ns, but the AC characteristics, specifically t(), can only be guaranteed if tr/tf
are within the specified range.
TCLK Input Rise/Fall Time
1.0
ns
0.8 to 2.0 V
t()
Propagation Delay (static phase offset)
TCLK to EXT_FB
PCLK to EXT_FB
-50
+25
+150
+325
ps
ps
PLL locked
PLL locked
tsk(o)
Output-to-Output Skew
150
ps
DC
Output Duty Cycle
100 – 240 MHz
50 – 120 MHz
25 – 60 MHz
45
47.5
48.75
50
50
50
55
52.5
51.75
%
%
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4 V
tPLZ, HZ
Output Disable Time
7.0
ns
tPZL, ZH
Output Enable Time
6.0
ns
BW
PLL closed loop bandwidth
 4 feedback
 8 feedback
3.0 – 9.5
1.2 – 2.1
MHz
MHz
–3 db point of
PLL transfer characteristic
tJIT(CC)
Cycle-to-cycle jitter
 4 feedback
Single Output Frequency Configuration
10
22
ps
RMS value
tJIT(PER)
Period Jitter
 4 feedback
Single Output Frequency Configuration
8.0
15
ps
RMS value
tJIT()
I/O Phase Jitter
4.0 – 17
ps
RMS value
tLOCK
Maximum PLL Lock Time
1.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com