Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R51 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # MPC93R51
Description  Low Voltage PLL Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R51 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button MPC93R51 Datasheet HTML 6Page - Renesas Technology Corp MPC93R51 Datasheet HTML 7Page - Renesas Technology Corp MPC93R51 Datasheet HTML 8Page - Renesas Technology Corp MPC93R51 Datasheet HTML 9Page - Renesas Technology Corp MPC93R51 Datasheet HTML 10Page - Renesas Technology Corp MPC93R51 Datasheet HTML 11Page - Renesas Technology Corp MPC93R51 Datasheet HTML 12Page - Renesas Technology Corp MPC93R51 Datasheet HTML 13Page - Renesas Technology Corp MPC93R51 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MPC93R51
REVISION 4 MARCH 14, 2016
10
©2013 Integrated Device Technology, Inc.
MPC93R51 Data Sheet
LOW VOLTAGE PLL CLOCK DRIVER
Figure 8. Single versus Dual Waveforms
Since this step is well above the threshold region it will not
cause any false clock triggering; however, designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines, the
situation in Figure 9 should be used. In this case, the series
terminating resistors are reduced such that when the parallel
combination is added to the output buffer impedance, the line
impedance is perfectly matched.
Figure 9. Optimized Dual Line Termination
Figure 10. CLK MPC93R51 AC Test Reference for VCC = 3.3 V
Figure 11. PCLK MPC9R351 AC Test Reference
TIME (ns)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
14
MPC93R51
OUTPUT
BUFFER
RS = 22
ZO = 50
RS = 22
ZO = 50
14
+ 22  || 22  = 50  || 50 
25
 = 25 
Pulse
Generator
Z = 50
RT = 50
ZO = 50
RT = 50
ZO = 50
MPC93R51 DUT
VTT
VTT
Differential Pulse
Generator
Z = 50
RT = 50
ZO = 50
RT = 50
ZO = 50
MPC93R51 DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com