Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R51 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC93R51
Description  Low Voltage PLL Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R51 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC93R51 Datasheet HTML 5Page - Renesas Technology Corp MPC93R51 Datasheet HTML 6Page - Renesas Technology Corp MPC93R51 Datasheet HTML 7Page - Renesas Technology Corp MPC93R51 Datasheet HTML 8Page - Renesas Technology Corp MPC93R51 Datasheet HTML 9Page - Renesas Technology Corp MPC93R51 Datasheet HTML 10Page - Renesas Technology Corp MPC93R51 Datasheet HTML 11Page - Renesas Technology Corp MPC93R51 Datasheet HTML 12Page - Renesas Technology Corp MPC93R51 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MPC93R51
REVISION 4 MARCH 14, 2016
9
©2013 Integrated Device Technology, Inc.
MPC93R51 Data Sheet
LOW VOLTAGE PLL CLOCK DRIVER
Figure 6. VCCA Power Supply Filter
As the noise frequency crosses the series resonant point
of an individual capacitor, its overall impedance begins to
look inductive, and thus, increases with increasing frequency.
The parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL. Although the MPC93R51 has
several design features to minimize the susceptibility to
power supply noise (isolated power and grounds and fully
differential PLL), there still may be applications in which
overall performance is being degraded due to system power
supply noise. The power supply filter schemes discussed in
this section should be adequate to eliminate power supply
noise related problems in most designs.
Driving Transmission Lines
The MPC93R51 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 20
 the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to Freescale application note
AN1091. In most high performance clock networks,
point-to-point distribution of signals is the method of choice.
In a point-to-point scheme, either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
 resistance to V
CC2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the MPC93R51 clock driver. For the series
terminated case, however, there is no DC current draw, thus
the outputs can drive multiple series terminated lines.
Figure 7 illustrates an output driving a single series
terminated line versus two series terminated lines in parallel.
When taken to its extreme the fanout of the MPC93R51 clock
driver is effectively doubled due to its capability to drive
multiple lines.
Figure 7. Single versus Dual Transmission Lines
The waveform plots in Figure 8 show the simulation results
of an output driving a single line versus two lines. In both
cases, the drive capability of the MPC93R51 output buffer is
more than sufficient to drive 50
 transmission lines on the
incident edge. Note from the delay measurements in the
simulations, a delta of only 43 ps exists between the two
differently loaded outputs. This suggests that the dual line
driving need not be used exclusively to maintain the tight
output-to-output skew of the MPC93R51. The output
waveform in Figure 8 shows a step in the waveform. This
step is caused by the impedance mismatch seen looking into
the driver. The parallel combination of the 36
 series
resistor, plus the output impedance, does not match the
parallel combination of the line impedances. The voltage
wave launched down the two lines will equal:
VL =VS (Z0  (RS+R0 +Z0))
Z0 =50  || 50 
RS =36  || 36 
R0 =14
VL = 3.0 (25  (18+17+25)
= 1.31 V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.6 V. It will then increment
towards the quiescent 3.0 V in steps separated by one round
trip delay (in this case 4.0 ns).
VCCA
VCC
MPC93R51
0.1
F
22 pF
0.1
F
RF
VCC
14
IN
MPC93R51
OUTPUT
BUFFER
RS = 36
ZO = 50
OutA
14
IN
MPC93R51
OUTPUT
BUFFER
RS = 36
ZO = 50
OutB0
RS = 36
ZO = 50
OutB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com