Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS321 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS321 Datasheet(HTML) 4 Page - Diodes Incorporated

  AS321 Datasheet HTML 1Page - Diodes Incorporated AS321 Datasheet HTML 2Page - Diodes Incorporated AS321 Datasheet HTML 3Page - Diodes Incorporated AS321 Datasheet HTML 4Page - Diodes Incorporated AS321 Datasheet HTML 5Page - Diodes Incorporated AS321 Datasheet HTML 6Page - Diodes Incorporated AS321 Datasheet HTML 7Page - Diodes Incorporated AS321 Datasheet HTML 8Page - Diodes Incorporated AS321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AS321
Document number: DS36976 Rev. 3 - 2
4 of 10
www.diodes.com
March 2018
© Diodes Incorporated
AS321
Electrical Characteristics (Limits in standard typeface are for TA = +25°C, bold typeface applies over -40°C to +85°C (Note 5), VCC
= 5V, VEE = 0V, VO = 1.4V, unless otherwise specified.)
Notes:
5. Limits over the full temperature are guaranteed by design, but not tested in production.
6. Over the full input common-mode range 0V to VCC-1.5V (at +25°C).
7. The input common-mode voltage of either input signal voltage should not be allowed to go negatively by more than 0.3V (at +25°C). The upper end of the
common-mode voltage range is VCC-1.5V (at +25°C), but either or both inputs can go to +36V without damages, independent of the magnitude of the VCC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIO
Input Offset Voltage
VO = 1.4V, RS = 0Ω, VCC = 5V to 30V
(Note 6)
2
5
mV
7
∆VIO/∆T
Average Temperature Coefficient
of Input Offset Voltage
TA = -40°C to +85°C
7
µV/°C
IBIAS
Input Bias Current
IIN+ or IIN-, VCM = 0V
20
100
nA
200
IIO
Input Offset Current
IIN+ - IIN-, VCM = 0V
5
30
nA
100
VCM
Input Common Mode Voltage
Range (Note 7)
VCC = 30V, CMRR ≥ 50dB
0
VCC-1.5
V
ICC
Supply Current
RL = ∞, VCC = 5V
0.35
0.80
mA
0.45
1.0
RL = ∞, VCC = 30V
0.45
1.2
0.65
1.5
GV
Large Signal Voltage Gain
VCC = 15V, VO = 1V to 11V, RL ≥ 2kΩ
85
100
dB
80
CMRR
Common Mode Rejection Ratio
VCM = 0V to (VCC-1.5)V, RS ≤ 10kΩ
60
70
dB
60
PSRR
Power Supply Rejection Ratio
VCC = 5V to 30V, RS ≤ 10kΩ
70
100
dB
60
ISOURCE
Output Current
Source
VIN+ = 1V, VIN- = 0V, VCC = 15V, VO =
2V
20
40
mA
20
ISINK
Sink
VIN+ = 0V, VIN- = 1V, VCC = 15V, VO =
2V
10
15
mA
5
VIN+ = 0V, VIN- = 1V, VCC = 15V, VO =
0.2V
12
50
µA
ISC
Output Short Circuit Current to
Ground
VCC = 15V
40
60
mA
VOH
Output Voltage Swing
VCC = 30V, RL = 2kΩ
26
V
26
VCC = 30V, RL = 10kΩ
27
28
27
VOL
VCC = 5V, RL = 10kΩ
5
20
mV
30
THD
Total Harmonic Distortion
f = 1kHz, AV = 20dB, RL = 2kΩ,
VO = 2Vp-p, CL = 100pF, VCC = 30V
0.015
%
ΦM
Phase Margin
60
Deg
θJC
Thermal Resistance
(Junction to Case)
SOT25
101
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com