Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS321 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS321 Datasheet(HTML) 3 Page - Diodes Incorporated

  AS321 Datasheet HTML 1Page - Diodes Incorporated AS321 Datasheet HTML 2Page - Diodes Incorporated AS321 Datasheet HTML 3Page - Diodes Incorporated AS321 Datasheet HTML 4Page - Diodes Incorporated AS321 Datasheet HTML 5Page - Diodes Incorporated AS321 Datasheet HTML 6Page - Diodes Incorporated AS321 Datasheet HTML 7Page - Diodes Incorporated AS321 Datasheet HTML 8Page - Diodes Incorporated AS321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AS321
Document number: DS36976 Rev. 3 - 2
3 of 10
www.diodes.com
March 2018
© Diodes Incorporated
AS321
Functional Block Diagram
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VS (VCC-VEE)
Power Supply Voltage
40
V
VID
Differential Input Voltage
40
V
VIN
Input Voltage
-0.3 to 40
V
θJA
Thermal Resistance to Ambient
260
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 Seconds)
+260
°C
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
3
36
V
TA
Ambient Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com