Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS321 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS321 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AS321 Datasheet HTML 2Page - Diodes Incorporated AS321 Datasheet HTML 3Page - Diodes Incorporated AS321 Datasheet HTML 4Page - Diodes Incorporated AS321 Datasheet HTML 5Page - Diodes Incorporated AS321 Datasheet HTML 6Page - Diodes Incorporated AS321 Datasheet HTML 7Page - Diodes Incorporated AS321 Datasheet HTML 8Page - Diodes Incorporated AS321 Datasheet HTML 9Page - Diodes Incorporated AS321 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AS321
Document number: DS36976 Rev. 3 - 2
7 of 10
www.diodes.com
March 2018
© Diodes Incorporated
AS321
Ordering Information
AS321 X X - X
Packing
Package
Product Name
E1/G1
TR : Tape & Reel
K : SOT25
G1 : RoHS Compliant
and Green
E1 : RoHS Compliant
Part Number
Package
(Note 9)
RoHS Compliant
Lead Free/
Green
Temperature
Range
Marking
ID
Tape and Reel
Quantity
Status
(Note 8)
Alternative
AS321KTR-E1
SOT25
Lead Free
-40 to +85°C
E6T
3000
NRND
AS321KTR-G1
AS321KTR-G1
SOT25
Green
-40 to +85°C
G6T
3000
In Production
—
Notes:
8
. AS321KTR-E1 (Lead Free package) is Not Recommended for New Design (NRND), recommended alternative is AS321KTR-G1 (Green package).
9. For packaging details, go to our website at: https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
(1)
SOT25
(Top View)
XXX
: Logo
XXX : Marking ID (See Ordering Information)
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com