Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS321 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS321 Datasheet(HTML) 5 Page - Diodes Incorporated

  AS321 Datasheet HTML 1Page - Diodes Incorporated AS321 Datasheet HTML 2Page - Diodes Incorporated AS321 Datasheet HTML 3Page - Diodes Incorporated AS321 Datasheet HTML 4Page - Diodes Incorporated AS321 Datasheet HTML 5Page - Diodes Incorporated AS321 Datasheet HTML 6Page - Diodes Incorporated AS321 Datasheet HTML 7Page - Diodes Incorporated AS321 Datasheet HTML 8Page - Diodes Incorporated AS321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AS321
Document number: DS36976 Rev. 3 - 2
5 of 10
www.diodes.com
March 2018
© Diodes Incorporated
AS321
0
4
3
3
2
1
2
1
0
12
16
20
4
24
28
32
8
36
40
Time (µs)
0
Performance Characteristics
Input Voltage Range
Input Current
Supply Current
Voltage Gain
Open Loop Gain vs. Frequency
Voltage Follower Pulse Response
0
5
10
15
0
5
10
15
POSITIVE
NEGATIVE
Power Supply Voltage (+V
DC
)
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
Temperature (
oC)
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Supply Voltage (V)
0
8
16
24
32
40
60
75
90
105
120
Power Supply Voltage (V)
R
L
=2K
R
L
=20K
-20
0
20
40
60
80
0.2k
1k
10k
100k
1M 2M
Frequency (Hz)
V
CC
=30V, V
EE
=0V
R
L
=2k, C
L
=100pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com