Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS321 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS321 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS321 Datasheet HTML 1Page - Diodes Incorporated AS321 Datasheet HTML 2Page - Diodes Incorporated AS321 Datasheet HTML 3Page - Diodes Incorporated AS321 Datasheet HTML 4Page - Diodes Incorporated AS321 Datasheet HTML 5Page - Diodes Incorporated AS321 Datasheet HTML 6Page - Diodes Incorporated AS321 Datasheet HTML 7Page - Diodes Incorporated AS321 Datasheet HTML 8Page - Diodes Incorporated AS321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AS321
Document number: DS36976 Rev. 3 - 2
1 of 10
www.diodes.com
March 2018
© Diodes Incorporated
AS321
LOW POWER SINGLE OPERATIONAL AMPLIFIER
Description
The AS321 is a high gain and internally frequency compensated
operational amplifier specifically designed to operate from a single
power supply. Operation from split power supply is also possible and
the low power supply current drain is independent of the magnitude of
the power supply voltages. Typical applications include battery
charger,
active
filters,
general
purpose
controllers
and
most
conventional operational amplifier circuits.
The AS321 is compatible with industry standard 321.
The AS321 is available in SOT25 package.
Features
Excellent Phase Margin: 60 deg.
Large Voltage Gain: 100dB (Typical)
Low Input Bias Current: 20nA (Typical)
Low Input Offset Voltage: 2mV (Typical)
Low Supply Current: 0.35mA at VCC = 5V
Wide Power Supply Voltage:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
Wide Input Common Mode Voltage Range: 0V to VCC-1.5V
Lead-Free Packages: SOT25
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-Free Packa
ges, Available in “Green” Molding Compound:
SOT25
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SOT25
Applications
Battery Charger
Active Filters
General Purpose Controllers, Instruments
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporate
d’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Power Amplifier
DC Summing Amplifier
INPUT +
1
2
3
4
5
INPUT -
VEE
VCC
OUTPUT


Similar Part No. - AS321

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
AS321 BCDSEMI-AS321 Datasheet
688Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER Battery Charger
logo
AMETHERM Circuit Protec...
AS3210015 AMETHERM-AS3210015 Datasheet
31Kb / 1P
Resistance @ 25째c
AS3210015 AMETHERM-AS3210015 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
logo
TECH PUBLIC Electronics...
AS321KTR TECHPUBLIC-AS321KTR Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results

Similar Description - AS321

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com