Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9980PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 2Page - Analog Devices AD9980PCB Datasheet HTML 3Page - Analog Devices AD9980PCB Datasheet HTML 4Page - Analog Devices AD9980PCB Datasheet HTML 5Page - Analog Devices AD9980PCB Datasheet HTML 6Page - Analog Devices AD9980PCB Datasheet HTML 7Page - Analog Devices AD9980PCB Datasheet HTML 8Page - Analog Devices AD9980PCB Datasheet HTML 9Page - Analog Devices AD9980PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9980
Rev. 0 | Page 6 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
BAIN0
3
GND
4
BAIN1
7
GND
6
GAIN0
5
VD (3.3V)
1
VD (3.3V)
8
SOGIN0
9
VD (3.3V)
10
GAIN1
12
SOGIN1
13
VD (3.3V)
14
RAIN0
15
GND
16
RAIN1
17
PWRDN
18
REFLO
19
REFCM
20
REFHI
11
GND
59
58
57
54
55
56
60
53
52
BLUE <2>
BLUE <3>
BLUE <4>
BLUE <7>
BLUE <6>
BLUE <5>
BLUE <1>
GND
VDD (3.3V)
51
NC
49
GREEN <0>
48
GREEN <1>
47
GREEN <2>
46
GREEN <3>
45
GREEN <4>
44
GREEN <5>
43
GREEN <6>
42
GREEN <7>
41
DAVDD (1.8)
50
NC
NC = NO CONNECT
21 22 23
24 25 26 27 28 29 30
31 32 33 34 35 36 37 38 39 40
80 79
78
77
76 75 74 73 72 71
70 69 68 67 66 65 64 63 62 61
PIN 1
AD9980
TOP VIEW
(Not to Scale)
Figure 2. Top View (Pin Down)
Table 3. Complete Pinout List
Pin Type
Mnemonic
Function
Value
Pin No.
Inputs
RAIN0
Channel 0 Analog Input for Converter R
0.0 V to 1.0 V
14
RAIN1
Channel 1 Analog Input for Converter R
0.0 V to 1.0 V
16
GAIN0
Channel 0 Analog Input for Converter G
0.0 V to 1.0 V
6
GAIN1
Channel 1 Analog Input for Converter G
0.0 V to 1.0 V
10
BAIN0
Channel 0 Analog Input for Converter B
0.0 V to 1.0 V
2
BAIN1
Channel 1 Analog Input for Converter B
0.0 V to 1.0 V
4
HSYNC0
Horizontal Sync Input for Channel 0
3.3 V CMOS
70
HSYNC1
Horizontal Sync Input for Channel 1
3.3 V CMOS
68
VSYNC0
Vertical Sync Input for Channel 0
3.3 V CMOS
71
VSYNC1
Vertical Sync Input for Channel 1
3.3 V CMOS
69
SOGIN0
Input for Sync-on-Green Channel 0
0.0 V to 1.0 V
8
SOGIN1
Input for Sync-on-Green Channel 1
0.0 V to 1.0 V
12
EXTCK
External Clock Input
3.3 V CMOS
721
CLAMP
External Clamp Input Signal
3.3 V CMOS
73
COAST
External PLL Coast Signal Input
3.3 V CMOS
721
PWRDN
Power-Down Control
3.3 V CMOS
17
Outputs
RED [7:0]
Outputs of Converter R, Bit 7 is the MSB
3.3 V CMOS
28–35
GREEN [7:0]
Outputs of Converter G, Bit 7 is the MSB
3.3 V CMOS
42–49
BLUE [7:0]
Outputs of Converter B, Bit 7 is the MSB
3.3 V CMOS
54–61
DATACK
Data Output Clock
3.3 V CMOS
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com