Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9980PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 18Page - Analog Devices AD9980PCB Datasheet HTML 19Page - Analog Devices AD9980PCB Datasheet HTML 20Page - Analog Devices AD9980PCB Datasheet HTML 21Page - Analog Devices AD9980PCB Datasheet HTML 22Page - Analog Devices AD9980PCB Datasheet HTML 23Page - Analog Devices AD9980PCB Datasheet HTML 24Page - Analog Devices AD9980PCB Datasheet HTML 25Page - Analog Devices AD9980PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9980
Preliminary Technical Data
Rev. 0 | Page 22 of 44
TWO-WIRE SERIAL REGISTER MAP
The AD9980 is initialized and controlled by a set of registers, which determine the operating modes. An external controller is employed to
write and read the control registers through the two-wire serial interface port.
Table 12. Control Register Map
Hexadecimal
Address
Read and
Write or
Read Only
Bits
Default
Value
Register
Name
Description
0x00
RO
7:0
Chip Revision
An 8-bit register that represents the silicon revision level.
0x01
R/W
7:0
0110 1001
PLL Div MSB
This register is for Bits [11:4] of the PLL divider. Larger values mean
the PLL operates at a faster rate. This register should be loaded first
whenever a change is needed. (This will give the PLL more time to
lock).1
0x02
R/W
7:4
1101 ****
PLL Div LSB
Bits [7:4] LSBs of the PLL divider word. Links to the PLL Div MSB to
make a 12-bit register.
1
0x03
R/W
7:6
01** ****
VCO/CPMP
Bits [7:6] VCO Range. Selects VCO frequency range.
(See PLL description).
5:3
**00 1***
Bits [5:3] Charge Pump Current. Varies the current that drives the
low-pass filter. (See PLL description).
2
**** *0**
Bit 2. External Clock Enable
0x04
R/W
7:3
1000 0***
Phase Adjust
ADC clock phase adjustment. Larger values mean more delay.
(1 LSB = T/32).
0x05
R/W
6:0
*100 0000
Red Gain MSB
7-Bit Red Channel Gain Control. Controls the ADC input range
(contrast) of each respective channel. Bigger values give less
contrast.2
0x06
R/W
7:0
0000 0000
Must be written to 0x00 following a write of Register 0x05 for
proper operation.
0x07
R/W
6:0
*100 0000
Green Gain
MSB
7-Bit Green Channel Gain Control. Controls the ADC input range
(contrast) of each respective channel. Bigger values give less
contrast.
2
0x08
R/W
7:0
0000 0000
Must be written to 0x00 following a write of Register 0x07 for
proper operation.
0x09
R/W
6:0
*100 0000
Blue Gain MSB
7-Bit Blue Channel Gain Control. Controls the ADC input range
(contrast) of each respective channel. Bigger values give less
contrast.
2
0x0A
R/W
7:0
0000 0000
Must be written to 0x00 following a write of Register 0x09 for
proper operation.
0x0B
R/W
7:0
0100 0000
Red Offset MSB
8-Bit MSB of the Red Channel Offset Control. Controls the dc offset
(brightness) of each respective channel. Bigger values decrease
brightness.
1
0x0C
R/W
7
0*** ****
Red Offset
Linked with 0x0B to form the 9-bit red offset that controls the dc
offset (brightness) of the red channel in auto-offset mode.
0x0D
R/W
7:0
0100 0000
Green Offset
MSB
8-Bit MSB of the Green Channel Offset Control. Controls the dc
offset (brightness) of each respective channel. Bigger values
decrease brightness.
1
0x0E
R/W
7
0*** ****
Green Offset
Linked with 0x0D to form the 9-bit green offset that controls the
dc offset (brightness) of the green channel in auto-offset mode.
0x0F
R/W
7:0
0100 0000
Blue Offset
MSB
8-Bit MSB of the Red Channel Offset Control. Controls the dc offset
(brightness) of each respective channel. Bigger values decrease
brightness.
1
0x10
R/W
7
0*** ****
Blue Offset
Linked with 0x0F to form the 9-bit blue offset that controls the dc
offset (brightness) of the blue channel in auto-offset mode.
0x11
R/W
7:0
0010 0000
Sync Separator
Threshold
This register sets the threshold of the sync separator’s digital
comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com