Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9980PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 26Page - Analog Devices AD9980PCB Datasheet HTML 27Page - Analog Devices AD9980PCB Datasheet HTML 28Page - Analog Devices AD9980PCB Datasheet HTML 29Page - Analog Devices AD9980PCB Datasheet HTML 30Page - Analog Devices AD9980PCB Datasheet HTML 31Page - Analog Devices AD9980PCB Datasheet HTML 32Page - Analog Devices AD9980PCB Datasheet HTML 33Page - Analog Devices AD9980PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9980
Preliminary Technical Data
Rev. 0 | Page 30 of 44
0x12
7
Hsync Source Override
This is the active Hsync override. Setting this to 0
allows the chip to determine the active Hsync source.
Setting it to 1 uses Bit 6 of Register 0x12 to determine
the active Hsync source. Power-up default value is 0.
Table 16. Active Hsync Source Override
Override
Result
0
Hsync Source determined by chip
1
Hsync Source determined by user
Register 0x12, Bit 6
0x12
6
Hsync Source
This bit selects the source of the Hsync for PLL and
sync processing only if Bit 7 of Register 0x12 is set to 1
or if both syncs are active. Setting this bit to 0 specifies
the Hsync from the input pin. Setting it to 1 selects
Hsync from SOG. Power-up default is 0.
Table 17. Active Hsync Select Settings
Select
Result
0
Hsync Input
1
Hsync from SOG
0x12
5
Hsync Input Polarity Override
This bit sets whether the chip selects the Hsync input
polarity or if it is specified. Setting this bit to 0 allows
the chip to automatically select the polarity of the
input Hsync. Setting this bit to 1 indicates that Bit 4 of
Register 0x12 specifies the polarity. Power-up default
is 0.
Table 18. Hsync Input Polarity Override Settings
Override Bit
Result
0
Hsync Polarity Determined by Chip
1
Hsync Polarity Determined by User
Register 0x12, Bit 4
0x12
4
Input Hsync Polarity
If Bit 5 of Register 0x12 is 1, the value of this bit
specifies the polarity of the input Hsync. Setting this
bit to 0 indicates an active low Hsync; setting this bit
to 1 indicates an active high Hsync. Power-up default
is 1.
Table 19. Hsync Input Polarity Settings
Hsync Polarity Bit
Result
0
Hsync Input Polarity is Negative
1
Hsync Input Polarity is Positive
0x12
3
Hsync Output Polarity
This bit sets the polarity of the Hsync output. Setting
this bit to 0 sets the Hsync output to active low. Setting
this bit to 1 sets the Hsync output to active high.
Power-up default setting is 1.
Table 20. Hsync Output Polarity Settings
Hsync Output
Polarity Bit
Result
0
Hsync Output Polarity is Negative
1
Hsync Output Polarity is Positive
0x13
7:0
Hsync Duration
An 8-bit register that sets the duration of the Hsync
output pulse. The leading edge of the Hsync output is
triggered by the internally-generated, phase-adjusted
PLL feedback clock. The AD9980 then counts a
number of pixel clocks equal to the value in this
register. This triggers the trailing edge of the Hsync
output, which is also phase-adjusted.
VSYNC CONTROLS
0x14
7
Vsync Source Override
This is the active Vsync override. Setting this to 0
allows the chip to determine the active Vsync source.
Setting it to 1 uses Bit 6 of Register 0x14 to determine
the active Vsync source. Power-up default value is 0.
Table 21. Active Vsync Source Override
Override
Result
0
Vsync source determined by chip
1
Vsync source determined by user
Register 0x14, Bit 6
0x14
6
Vsync Source
This bit selects the source of Vsync for sync
processing only if Bit 7 of Register 0x14 is set to 1.
Setting Bit 6 to 0 specifies Vsync from the input pin.
Setting it to 1 selects Vsync from the sync separator.
Power-up default is 0.
Table 22. Active Vsync Select Settings
Select
Result
0
Vsync input
1
Vsync from sync separator
0x14
5
Vsync Input Polarity Override
This bit sets whether the chip selects the Vsync input
polarity or if it is specified. Setting this bit to 0 allows
the chip to automatically select the polarity of the
input Vsync. Setting this bit to 1 indicates that Bit 4 of
Register 0x14 specifies the polarity. Power-up default
is 0.
Table 23. Vsync Input Polarity Override Settings
Override Bit
Result
0
Vsync polarity determined by chip
1
Vsync polarity determined by user
Register 0x14, Bit 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com