Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9980PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 14Page - Analog Devices AD9980PCB Datasheet HTML 15Page - Analog Devices AD9980PCB Datasheet HTML 16Page - Analog Devices AD9980PCB Datasheet HTML 17Page - Analog Devices AD9980PCB Datasheet HTML 18Page - Analog Devices AD9980PCB Datasheet HTML 19Page - Analog Devices AD9980PCB Datasheet HTML 20Page - Analog Devices AD9980PCB Datasheet HTML 21Page - Analog Devices AD9980PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9980
Preliminary Technical Data
Rev. 0 | Page 18 of 44
FIELD 1
FIELD 0
SYNC SEPARATOR THRESHOLD
FIELD 1
FIELD 0
23
2
1
4
4
31
HSYNCIN
VSYNCIN
VSYNCOUT
O/E FIELD
EVEN FIELD
QUADRANT
Figure 12. Vsync Filter—Odd/Even
Power Management
To meet display requirements for low standby power, the
AD9980 includes a power-down mode. The power-down state
can be controlled manually (with Pin 17 or Register 0x1E, Bit 3),
or completely automatically by the chip. If automatic control is
selected (0x1E, Bit 4), the AD9980’s decision is based on the
status of the sync detect bits (Register 0x24, Bits 2, 3, 6,
and 7). If either an Hsync or a sync-on-green input is detected
on any input, the chip powers up, otherwise it powers down. If
manual control is desired, the AD9980 includes the flexibility of
control with both a dedicated pin and a register bit. The dedi-
cated pin allows a hardware watchdog circuit to control power-
down, while the register bit allows power-down to be controlled
by software. With manual power-down control, the polarity of
the power-down pin must be set (0x1E, Bit 2) regardless of
whether the pin is used. If unused, it is recommended to set the
polarity to active high and hardwire the pin to ground with a
10 kΩ resistor.
In power-down mode, there are several circuits that continue to
operate normally. The serial register and sync detect circuits
maintain power so that the AD9980 can be woken up from
its power-down state. The bandgap circuit maintains power
because it is needed for sync detection. The sync-on-green and
SOGOUT functions continue to operate because the SOGOUT
output is needed when sync detection is performed by a
secondary chip. All of these circuits require minimal power to
operate. Typical standby power on the AD9980 is about 50 mW.
There are two options that can be selected when in power-
down. These are controlled by Bits 0 and 1 in Register 0x1E. The
first is to determine whether the SOGOUT pin is put in high
impedance or not. In most cases, SOGOUT is not put in high
impedance during normal operation. The option to put
SOGOUT in high impedance is included mainly to allow for
factory testing modes. The second option is to keep the AD9980
powered up and only put the outputs in high impedance. This
option is useful when the data outputs from two chips are
connected on a PCB and the user wants to switch
instantaneously between the two.
Table 10.Power-Down Control and Mode Descriptions
Inputs
Mode
Auto Power-Down
Control1
Power-Down2
Sync Detect3
Powered-On or Comments
Power-Up
1
X
1
Everything
Power-Down
1
X
0
Only the serial bus, sync activity detect,
SOG, bandgap reference
Power-Up
0
0
X
Everything
Power-Down
0
1
X
Only the serial bus, sync activity detect,
SOG, bandgap reference
1 Auto power-down control is set by Register 0x1E, Bit 4.
2 Power-down is controlled by OR’ing Pin 17 with Register 0x1E, Bit 3. The polarity of Pin 17 is set by Register 0x1E, Bit 2.
3 Sync detect is determined by OR’ing Register 0x24, Bits 2, 3, 6, and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com