Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9980PCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 3 Page - Analog Devices

  AD9980PCB Datasheet HTML 1Page - Analog Devices AD9980PCB Datasheet HTML 2Page - Analog Devices AD9980PCB Datasheet HTML 3Page - Analog Devices AD9980PCB Datasheet HTML 4Page - Analog Devices AD9980PCB Datasheet HTML 5Page - Analog Devices AD9980PCB Datasheet HTML 6Page - Analog Devices AD9980PCB Datasheet HTML 7Page - Analog Devices AD9980PCB Datasheet HTML 8Page - Analog Devices AD9980PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD9980
Rev. 0 | Page 3 of 44
ANALOG INTERFACE SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VD = 3.3 V, VDD = 3.3 V, PVD = 1.8 V, DAVDD = 1.8 V, ADC clock = maximum conversion rate, full temperature range = 0°C to 70°C.
Table 1.
AD9980KSTZ-801
AD9980KSTZ-952
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Number of Bits
8
8
Bits
LSB Size
0.39
0.39
% of
Full
Scale
DC ACCURACY
LSB
Differential Nonlinearity
80 MSPS Conversion Rate
25°C
Full
I
VI
0.2
0.2
0.75
1.0
0.2
0.2
0.75
1.0
LSB
Differential Nonlinearity
95 MSPS Conversion Rate
25°C
Full
I
VI
0.6
0.75
1.5
2.25
LSB
Integral Nonlinearity
80 MSPS Conversion Rate
25°C
Full
I
VI
±0.3
±0.3
±1.0
±1.3
±0.3
±0.3
±1.0
±1.3
LSB
Integral Nonlinearity
95 MSPS Conversion Rate
25°C
Full
I
VI
±0.6
±0.9
±2.25
±3.2
LSB
No Missing Codes
25°C
I
Guaranteed
Guaranteed
ANALOG INPUT
Input Voltage Range
Minimum
Full
VI
0.5
0.5
V p-p
Maximum
Full
VI
1.0
1.0
V p-p
Gain Tempco
25°C
V
105
105
ppm/°C
Input Bias Current
25°C
V
1
1
µA
Full
V
1
1
µA
Input Full-Scale Matching
Full
VI
1
9
1
10
% FS
Offset Adjustment Range
Full
VI
44
44
% FS
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
80
95
MSPS
Minimum Conversion Rate
Full
IV
10
10
MSPS
Data to Clock Skew tSKEW
Full
IV
−0.5
+2
−0.5
+2
ns
tBUFF
Full
VI
4.7
4.7
µs
tSTAH
Full
VI
4.0
4.0
µs
tDHO
Full
VI
0
0
µs
tDAL
Full
VI
4.7
4.7
µs
tDAH
Full
VI
4.0
4.0
µs
tDSU
Full
VI
250
250
Ns
tSTASU
Full
VI
4.7
4.7
µs
tSTOSU
Full
VI
4.0
4.0
µs
Maximum PLL Clock Rate
Full
VI
80
95
MHz
Minimum PLL Clock Rate
Full
IV
10
10
MHz
PLL Jitter
25°C
IV
750
980
ps p-p
Full
IV
ps p-p
Sampling Phase Tempco
Full
IV
15
15
ps/°C
DIGITAL INPUTS3
Input Voltage, High (VIH)
Full
VI
2.5
2.5
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
V
–82
–82
µA
Input Current, Low (IIL)
Full
V
82
82
µA
Input Capacitance
25°C
V
2
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com