Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7520 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZLED7520
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7520 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZLED7520 Datasheet HTML 1Page - Renesas Technology Corp ZLED7520 Datasheet HTML 2Page - Renesas Technology Corp ZLED7520 Datasheet HTML 3Page - Renesas Technology Corp ZLED7520 Datasheet HTML 4Page - Renesas Technology Corp ZLED7520 Datasheet HTML 5Page - Renesas Technology Corp ZLED7520 Datasheet HTML 6Page - Renesas Technology Corp ZLED7520 Datasheet HTML 7Page - Renesas Technology Corp ZLED7520 Datasheet HTML 8Page - Renesas Technology Corp ZLED7520 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
4
April 20, 2016
List of Figures
Figure 1.1
ZLED7x20 Supply Operating Current vs. Input Supply Voltage (VIN = 6 to 40 V) ................................................... 7
Figure 1.2
ZLED7x20 Supply Quiescent Shutdown Current vs. Input Supply Voltage (VIN = 6 to 40 V).................................. 7
Figure 1.3
Efficiency (%) vs. Input Supply Voltage (VIN = 6 to 40 V) Per Number of LEDs (Rs=0.10
Ω, L1=47μH).................. 8
Figure 1.4
Efficiency vs. Input Supply Voltage (VIN = 6 to 40 V) Per Number of LEDs (Rs=0.15
Ω, L1=47μH) ........................ 8
Figure 1.5
Efficiency vs. Input Supply Voltage (VIN = 6 to 40 V)
‡ Per Number of LEDs (Rs=0.30
Ω, L1=47μH)....................... 9
Figure 1.6
Output Current Variation vs. Input Supply Voltage (VIN = 6 to 40 V) Per Number of LEDs (Rs = 0.15
Ω, L1 = 47μH)
............................................................................................................................................................................... 9
Figure 1.7
Sense Voltage vs. Operating Temperature (Rs=0.10
Ω, L1=47μH, VIN = 40 V) .................................................... 10
Figure 1.8
Dimming Rate with 100Hz Square Wave Control Signal (PWM) at ADJ Pin (current rise time=7.85
μs) ............. 10
Figure 1.9
LED Open-Circuit Protection (Rs=0.30
Ω, L1=47μH, VIN = 24 V) .......................................................................... 11
Figure 3.1
Basic ZLED7x20 Application Circuit with Output Current Determined only by Rs ................................................ 15
Figure 3.2
Basic ZLED7x20 Application Circuit with Output Current Controlled by External DC Voltage .............................. 15
Figure 3.3
Basic ZLED7x20 Application Circuit with Output Current Set by External Square Wave Voltage (PWM) ............ 16
Figure 3.4
Basic ZLED7x20 Application Circuit with Output Current Controlled by External Microcontroller Signal.............. 16
Figure 5.1
ZLED7020 Pin Configuration – SOT89-5 Package............................................................................................... 22
Figure 5.2
SOT89-5 Package Dimensions for the ZLED7020 ............................................................................................... 23
Figure 5.3
ZLED7320, ZLED7520 & ZLED7720 Pin Configuration — DFN-5 Package......................................................... 24
Figure 5.4
DFN-5 (DFN4*4-05L) Package Dimensions for the ZLED7320, ZLED7520 & ZLED7720 ................................... 25
List of Tables
Table 3.1
Recommended Values for Sense Resistor Rs (ADJ pin floating at nominal voltage VREF=1.2V).......................... 17
Table 5.1
ZLED7020 Pin Descriptions—SOT89-5 Package................................................................................................. 22
Table 5.2
ZLED7320, ZLED7520 & ZLED7720 Pin Descriptions — DFN-5 Package .......................................................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com