Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7520 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZLED7520
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7520 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZLED7520 Datasheet HTML 13Page - Renesas Technology Corp ZLED7520 Datasheet HTML 14Page - Renesas Technology Corp ZLED7520 Datasheet HTML 15Page - Renesas Technology Corp ZLED7520 Datasheet HTML 16Page - Renesas Technology Corp ZLED7520 Datasheet HTML 17Page - Renesas Technology Corp ZLED7520 Datasheet HTML 18Page - Renesas Technology Corp ZLED7520 Datasheet HTML 19Page - Renesas Technology Corp ZLED7520 Datasheet HTML 20Page - Renesas Technology Corp ZLED7520 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
17
April 20, 2016
3.2
Thermal Considerations for Application Design
3.2.1
Temperature Effects of Load, Layout, and Component Selection
Do not exceed the package power dissipation limits by driving high load currents or by operating the chip at high
ambient temperatures. Power dissipation also increases if the efficiency of the circuit is low as could result from
selecting the wrong coil or from excessive parasitic output capacitance on the switch output. See the layout
guidelines in section 3.4.
3.2.2
Temperature Effects of Low Supply Voltage VIN
Until the supply input voltage on the VIN pin has risen above the internally-set startup threshold, the ZLED7x20’s
internal regulator disables the drive to the internal power MOSFET output switch. Above this threshold, the
MOSFET on-resistance is low enough for the chip to start to operate; however, if the supply voltage remains
below the specified minimum (6V), the duty cycle of the output switch will be high and the ZLED7x20 power
dissipation will be at a maximum. Avoid operating the ZLED7x20 under such conditions to reduce the risk of
damage due to exceeding the maximum die temperature. When driving multiple LEDs, their combined forward
voltage drop is typically high enough to prevent the chip from switching when VIN is below 6V, so there is less risk
of thermal damage.
3.3
External Component Selection
Note: Also see section 3.4 for layout guidelines for the following external components.
3.3.1
Sense Resistor Rs
Table 3.1 gives values for Rs under normal operating conditions in the typical application shown in Figure 3.1.
These values assume that the ADJ pin is floating and at the nominal voltage of VREF=1.2V.
Note: Under the conditions given in Table 3.1, in order to maintain the switch current below the maximum value
specified in section 1,
0.082Ω is the minimum value for Rs for the ZLED7020, 0.1Ω for the ZLED7320, 0.13Ω for
the ZLED75
20 and 0.27Ω for the ZLED7720. It is possible to use different values of Rs if the ADJ pin is driven
from an external voltage.
To ensure stable output current, use a 1% accuracy resistor with adequate power tolerance and a good
temperature characteristic for Rs.
Table 3.1
Recommended Values for Sense Resistor Rs (ADJ pin floating at nominal voltage VREF=1.2V)
Nominal Average Output Current (mA)
Value for RS
(Ω)
1200 (maximum for ZLED7020)
0.082
1000 (maximum for ZLED7320)
0.1
750 (maximum for ZLED7520)
0.13
667
0.15
350 (maximum for ZLED7720)
0.27
333
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com