Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7520 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZLED7520
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7520 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZLED7520 Datasheet HTML 16Page - Renesas Technology Corp ZLED7520 Datasheet HTML 17Page - Renesas Technology Corp ZLED7520 Datasheet HTML 18Page - Renesas Technology Corp ZLED7520 Datasheet HTML 19Page - Renesas Technology Corp ZLED7520 Datasheet HTML 20Page - Renesas Technology Corp ZLED7520 Datasheet HTML 21Page - Renesas Technology Corp ZLED7520 Datasheet HTML 22Page - Renesas Technology Corp ZLED7520 Datasheet HTML 23Page - Renesas Technology Corp ZLED7520 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
20
April 20, 2016
F
135
V
2
.
3
*
3
2
*
V
24
ms
10
*
A
33
.
0
1
C
MIN
µ
=
−
=
RIPPLE
ON
AVG
MIN
V
t
*
I
1
C
=
nF
367
1
.
0
*
V
24
s
67
.
2
*
A
33
.
0
1
C
MIN
=
µ
=
Example: For an application with 3 LEDs with 3.2V forward voltage each driven at 0.33A and supplied with
rectified 24VAC, a min
imum bypass capacitor C1 of 220μF or 330μF might be adequate. Compared to the
calculation, a safety margin of about 50% must be added to consider temperature effects and aging.
(10)
A second function of C1 is to bypass the current ripple of the switching converter and thus prevent it from
disturbing a stable IC supply or backlash on the power supply circuit. For this reason, even in DC-supplied
applications, the use of an adequate C1 might be useful. The defining parameters are now as shown in
equation (11):
(11)
Where:
Symbol
Description
IAVG
Average nominal LED string current.
tON
On time of the internal MOSFET output switch.
Note: tON must be longer than tONmin=200ns.
VRIPPLE
Permissible voltage ripple on the supply voltage.
Example: For an application of 3 LEDs driven at 0.33A and supplied with 24VDC, a maximum ripple of 10% is
allowed. The ZLED7x20 is operated at 150kHz with a duty cycle of 0.4 leading to an on
time of 2.67μs. As
calculated in equation 12, a capacitor C1 of 470nF may be adequate, again including a safety margin of about
50%.
(12)
To achieve maximum stability over temperature and voltage, an X7R, X5R, or better dielectric is recommended
while Y5V must be avoided.
3.3.4
De-bouncing Capacitor C2
External capacitor C2 minimizes ground bounce during switching of the internal MOSFET output switch. Ground
bounce is typically caused by parasitic inductance and resistance due to the distance between the grounds for the
power supply and the ZLED7x20 GND pin. Use a 0.1
μF, X7R ceramic capacitor to ground for C2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com