Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7520 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZLED7520
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7520 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZLED7520 Datasheet HTML 10Page - Renesas Technology Corp ZLED7520 Datasheet HTML 11Page - Renesas Technology Corp ZLED7520 Datasheet HTML 12Page - Renesas Technology Corp ZLED7520 Datasheet HTML 13Page - Renesas Technology Corp ZLED7520 Datasheet HTML 14Page - Renesas Technology Corp ZLED7520 Datasheet HTML 15Page - Renesas Technology Corp ZLED7520 Datasheet HTML 16Page - Renesas Technology Corp ZLED7520 Datasheet HTML 17Page - Renesas Technology Corp ZLED7520 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
14
April 20, 2016
2.8
ZLED7x20 Protection Features
2.8.1
Thermal Shut-down Protection
The ZLED7x20 automatically protects itself from damage due to over-temperature conditions. If the ZLED7x20’s
temperature exceeds the thermal shutdown threshold (TSD = 150°C, typical), the ZLED7x20 will shut down. To
avoid erratic ZLED7x20 operation, a 20K hysteresis (TSD-HYS) is applied that prevents it from returning to operation
until its temperature falls below the hysteresis threshold (TSD - TSD-HYS). Also refer to section 3.2 for additional
thermal considerations.
2.8.2
LED Open Load Protection
As a step-down converter, the ZLED7x20 has inherent open-load circuit protection. Since the L1 inductor is
connected in series with the LED string, the current flow is interrupted if the load is open and the LX output of the
ZLED7x20 will not be damaged. This provides an advantage over other products such as boost converters, for
which the internal switch can be damaged by back EMF forcing the drain above its breakdown voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com