Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7520 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZLED7520
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7520 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZLED7520 Datasheet HTML 11Page - Renesas Technology Corp ZLED7520 Datasheet HTML 12Page - Renesas Technology Corp ZLED7520 Datasheet HTML 13Page - Renesas Technology Corp ZLED7520 Datasheet HTML 14Page - Renesas Technology Corp ZLED7520 Datasheet HTML 15Page - Renesas Technology Corp ZLED7520 Datasheet HTML 16Page - Renesas Technology Corp ZLED7520 Datasheet HTML 17Page - Renesas Technology Corp ZLED7520 Datasheet HTML 18Page - Renesas Technology Corp ZLED7520 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
15
April 20, 2016
3
Application Circuit Design
3.1
Applications
The ZLED7x20 is designed for applications requiring features such as high-speed switching, variable brightness
control, operation with voltages up to 40V, high efficiency, or protection from over-temperature, or open LED
circuit conditions.
Typical applications include MR16/MR11 LED spotlights, LED street lights, parabolic aluminized reflector (PAR)
LED lights, and other general purpose industrial and consumer LED applications.
Figure 3.1, Figure 3.2, Figure 3.3, and Figure 3.4 demonstrate basic application circuits for the four options for
controlling output current described in section 2.
Figure 3.1
Basic ZLED7x20 Application Circuit with Output Current Determined only by Rs
Vin
I SENSE
LX
GND
ZLED7X20
D1
LED
String
Vs = 6 to 40 VDC
C3
Rs
L1
C1
C2
0.1µF
ADJ
Figure 3.2
Basic ZLED7x20 Application Circuit with Output Current Controlled by External DC Voltage
Vin
I SENSE
LX
GND
ZLED7X20
D1
Vs = 6 to 40 VDC
C3
Rs
L1
C1
C2
0.1µF
ADJ
+
_
DC
(0.3V to 1.2V)
LED
String



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com