Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 9Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 10Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 11Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 12Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 13Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 14Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 15Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 16Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
General Release Specification
MC68HC705C9A — Rev. 2.0
List of Figures
Figure
Title
Page
12-3
Maximum Supply Current vs Internal
Clock Frequency, V
DD = 3.6 V . . . . . . . . . . . . . . . . . . . . . 136
12-4
TCAP Timing Relationships . . . . . . . . . . . . . . . . . . . . . . . 138
12-5
External Interrupt Timing . . . . . . . . . . . . . . . . . . . . . . . . . 139
12-6
STOP Recovery Timing Diagram . . . . . . . . . . . . . . . . . . . 139
12-7
Power-On Reset Timing Diagram . . . . . . . . . . . . . . . . . . 140
12-8
External Reset Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
12-9
SPI Master Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . 143
12-10
SPI Slave Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . 144
13-1
40-Pin Plastic DIP Package (Case 711-03) . . . . . . . . . . . 146
13-2
42-Pin Plastic SDIP Package (Case 858-01) . . . . . . . . . . 146
13-3
44-Lead PLCC (Case 777-02) . . . . . . . . . . . . . . . . . . . . . 147
13-4
44-Lead QFP (Case 824A-01) . . . . . . . . . . . . . . . . . . . . . 149
A-1
EPROM Programming Register . . . . . . . . . . . . . . . . . . . . 153
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com