Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 78Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 79Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 80Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 84Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 85Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
General Release Specification
SCI Receiver Features
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
9.4 SCI Receiver Features
Features of the SCI receiver include:
•
Receiver Wakeup Function (Idle Line or Address Bit)
•
Idle Line Detection
•
Framing Error Detection
•
Noise Detection
•
Overrun Detection
•
Receiver Data Register Full Flag
9.5 SCI Transmitter Features
Features of the SCI transmitter include:
•
Transmit Data Register Empty Flag
•
Transmit Complete Flag
•
Send Break
9.6 Functional Description
A block diagram of the SCI is shown in Figure 9-1. Option bits in serial
control register1 (SCCR1) select the wakeup method (WAKE bit) and
data word length (M bit) of the SCI. SCCR2 provides control bits that
individually enable the transmitter and receiver, enable system
interrupts, and provide the wakeup enable bit (RWU) and the send break
code bit (SBK). Control bits in the baud rate register (BAUD) allow the
user to select one of 32 different baud rates for the transmitter and
receiver.
Data transmission is initiated by writing to the serial communications
data register (SCDR). Provided the transmitter is enabled, data stored in
the SCDR is transferred to the transmit data shift register. This transfer
of data sets the transmit data register empty flag (TDRE) in the SCI
status register (SCSR) and generates an interrupt (if transmitter
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com