Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 25 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 21Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 22Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 23Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 24Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 25Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 26Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 27Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 28Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 157 page
background image
General Release Specification
Software-Programmable Options (MC68HC05C9A Mode Only)
MC68HC705C9A — Rev. 2.0
General Description
1.6 Software-Programmable Options (MC68HC05C9A Mode Only)
The C9A option register (OR), shown in Figure 1-4, is enabled only if
configured in C9A mode. This register contains the programmable bits
for the following options:
•
Map two different areas of memory between RAM and EPROM,
one of 48 bytes and one of 128 bytes
•
Edge-triggered only or edge- and level-triggered external interrupt
(IRQ pin and any port B pin configured for interrupt)
This register must be written to by user software during operation of the
microcontroller.
RAM0 — Random Access Memory Control Bit 0
This read/write bit selects between RAM or EPROM in location $0020
to $004F. This bit can be read or written at any time.
1 = RAM selected
0 = EPROM selected
RAM1— Random Access Memory Control Bit 1
This read/write bit selects between RAM or EPROM in location $0100
to $017F. This bit can be read or written at any time.
1 = RAM selected
0 = EPROM selected
IRQ — Interrupt Request
This bit selects between an edge-triggered only or edge- and level-
triggered external interrupt pin. This bit is set by reset, but can be
cleared by software. This bit can be written only once.
1 = Edge and level interrupt option selected
0 = Edge-only interrupt option selected
$3FDF
Bit 7
654321
Bit 0
Read:
RAM0
RAM1
IRQ
Write:
Reset:
00000010
= Unimplemented
Figure 1-4. C9A Option Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com