Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 91 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 87Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 88Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 89Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 90Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 91Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 157 page
background image
General Release Specification
SCI I/O Registers
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
R8 — Bit 8 (Received)
When the SCI is receiving 9-bit characters, R8 is the ninth bit of the
received character. R8 receives the ninth bit at the same time that the
SCDR receives the other eight bits. Resets have no effect on the R8
bit.
T8 — Bit 8 (Transmitted)
When the SCI is transmitting 9-bit characters, T8 is the ninth bit of the
transmitted character. T8 is loaded into the transmit shift register at
the same time that the SCDR is loaded into the transmit register.
Resets have no effect on the T8 bit.
M — Character Length
This read/write bit determines whether SCI characters are 8 bits long
or 9 bits long. The ninth bit can be used as an extra stop bit, as a
receiver wakeup signal, or as a mark or space parity bit. Resets have
no effect on the M bit.
1 = 9-bit SCI characters
0 = 8-bit SCI characters
WAKE — Wakeup Method
This read/write bit determines which condition wakes up the SCI: a
logic one (address mark) in the most significant bit (MSB) position of
a received character or an idle condition on the PD0/RDI pin. Resets
have no effect on the WAKE bit.
1 = Address mark wakeup
0 = Idle line wakeup
$000E
Bit 7
6543
2
1
Bit 0
Read:
R8
T8
M
WAKE
Write:
Reset:
U
U
0
U
U
0
0
0
= Unimplemented
U = Undetermined
Figure 9-9. SCI Control Register 1 (SCCR1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com