Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 96 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 97Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 99Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
General Release Specification
SCI I/O Registers
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
FE — Receiver Framing Error
This clearable, read-only flag is set when there is a logic zero where
a stop bit should be in the character shifted into the receive shift
register. If the received word causes both a framing error and an
overrun error, the OR flag is set and the FE flag is not set. Clear the
FE bit by reading the SCSR and then reading the SCDR.
1 = Framing error
0 = No framing error
9.14.5 Baud Rate Register (BAUD)
The baud rate register, shown in Figure 9-12, selects the baud rate for
both the receiver and the transmitter.
SCP1 — SCP0–SCI Prescaler Select Bits
These read/write bits control prescaling of the baud rate generator
clock, as shown in Table 9-1. Reset clears both SCP1 and SCP0.
$000D
Bit 7
6543
2
1
Bit 0
Read:
SCP1
SCP0
SCR2
SCR1
SCR0
Write:
Reset:
—
—
0
0
—
U
U
U
= Unimplemented
U = Undetermined
Figure 9-12. Baud Rate Register (BAUD)
Table 9-1. Baud Rate Generator
Clock Prescaling
SCP[1:0]
Baud Rate Generator Clock
00
Internal Clock
÷ 1
01
Internal Clock
÷ 3
10
Internal Clock
÷ 4
11
Internal Clock
÷ 13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com