Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6436LIB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6436LIB Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6436LIB Datasheet HTML 1Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 2Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 3Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 4Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL6436
FN9023 Rev 0.00
Page 3 of 13
Aug 10, 2001
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
GND
IC Reference
2
VIN
Chip bias, Controlled
Supply Input,
Undervoltage lock-out
VIN provides chip bias voltage. At VIN < 2.5V chip functionality is disabled, FAULT latch
is cleared and floating and OUT is held low.
3, 4
ENABLE_1, 2 /
ENABLE_1,2
Channel Enable /
Enable Not Inputs
Enables / Disables switch.
5, 8
FAULT_2, 1
Channel 2, 1 Over
Current Fault Not
Indicator
Channel overcurrent fault indicator. FAULT floats and is disabled until VIN >2.5V. This
output is pulled low after the OC timeout period has expired and stays latched until
ENABLE is deasserted.
6, 7
OUT_2, 1
Channel 2,1 Controlled
Supply Output
Channel voltage output, connect to load to protect. Upon an OC condition IOUT is
current limited to 1A. Current limit response time is within 200
S. This output will remain
in current limit for a nominal 12ms before being latched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com