Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6436LIB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6436LIB Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6436LIB Datasheet HTML 1Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 2Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 3Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 4Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL6436
FN9023 Rev 0.00
Page 4 of 13
Aug 10, 2001
Introduction
The ISL6436 is a fully independent dual channel overcurrent (OC)
fault protection IC for the +2.5V to +5.5V environment. Each
ISL6436 incorporates in a single 8 lead SOIC package two 80m
N-channel MOSFET power switches for power control.
Independent enabling inputs and fault reporting outputs
compatible with 3V and 5V logic allows for external control and
monitoring. This device features internal current monitoring,
accurate current limiting, integrated power switches and current
limited timed delay to latch-off for system protection. See Figure 1
for typical operational waveforms including both under and over
current situations.
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0V
EN, FAULT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VIN 0.3V
Output Current . . . . . . . . . . . . . . . . . . . . . . .Short Circuit Protected
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . .3kV
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Thermal Resistance (Typical, Note 1)
JA (oC/W)
8 Lead SOIC Package . . . . . . . . . . . . . . . . . . . . . . .
116
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications Supply Voltages = 5V, TA = TJ = -40 to 85oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SWITCH
ISL6436 On Resistance at 2.7V
rDS(ON)_27
VIN = 2.7V, IOUT = 0.7A, TA = TJ = 25oC-
90
105
m
TA = TJ = 85oC
-
115
130
m
ISL6436 On Resistance at 3.3V
rDS(ON)_33
VIN = 3.3V, IOUT = 0.7A, TA = TJ = 25oC-
80
100
m
TA = TJ = 85oC
-
115
130
m
ISL6436 On Resistance at 5.0V
rDS(ON)_50
VIN = 5V, IOUT = 0.7A TA = TJ = 25oC
-
80
95
m
TA = TJ = 85oC
-
115
130
m
Disabled Output Voltage
VOUT_DIS
VIN = 5V, Switch Disabled, 50
A Load
-
300
450
mV
Vout Rising Rate
t_vout_rt
RL = 10CL = 0.1F, 10%-90%
-
10
-
V/ms
Slow Vout Turn-off Rate
t_svout_offt
RL = 10CL = 0.1F, 90%-10%
-
10
-
V/ms
Fast Vout Turn-off Rate
t_fvout_offt
RL = 1CL = 0.1F, 90%-10%
-
4
-
V/
s
CURRENT CONTROL
Current Limit, VIN = 3.3V - 5V
Ilim
VOUT = 0.8V
0.75
1
1.25
A
OC Regulation Settling Time
tsettIlim
RL = 5CL = 0.1F to Within 10% of CR
-
2
-
ms
Severe OC Regulation Settling Time
tsettIlim_sev
RL< 1CL = 0.1F to Within 10% of CR
-
100
-
s
Over Current Latch-off Time
tOC_loff
ISL6436X, TJ = 25oC-
10
-
ms
I/O PARAMETERS
Fault Output Voltage
Vfault_hi
Fault IOUT = 10mA
-
-
0.4
V
ENABLE High Threshold
Ven_vih
VIN = 5.5V
2.0
-
-
V
ENABLE Low Threshold at 2.7V
Ven_vil
VIN = 2.7V
-
-
0.6
V
ENABLE Low Threshold at 5.5V
Ven_vil
VIN = 5.5V
-
-
0.8
V
ENABLE Input Current
Ien_i
ENABLE = 0V to 5V, VIN = 5V, TJ >25oC
-0.5
-
0.5
A
BIAS PARAMETERS
Enabled VIN Current
IVDD
Switches Closed, OUTPUT = OPEN, TJ >0oC
-
120
200
A
Disabled VIN Current
IVDD
Switches Open, OUTPUT = OPEN
-
1
5
A
Undervoltage Lockout Threshold
VUVLO
VIN Rising, Switch Enabled
1.7
2.25
2.5
V
UV Hysteresis
UVHYS
50
100
-
mV
Overtemperature Disable
Temp_dis
-
150
-
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com