Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6436LIB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6436LIB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6436LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 9Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 10Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 11Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 12Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL6436
FN9023 Rev 0.00
Page 9 of 13
Aug 10, 2001
Using the ISL6436EVAL1 Platform
General and Biasing Information
The ISL6436EVAL1 platform, Figure 19, allows evaluation of
the ISL6436 dual power supply control IC and comparison
against a suitably sized PPTC component.
The evaluation platform is biased and monitored through
numerous test points (TP#). See Table 1 for test point
assignments and descriptions.
Upon proper bias the PPTC, F1 has a nominal 500mA load
current passing through it which is the hold current rating for
that particular device. Removal of the PPTC is necessary to
isolate the ISL6436 as the PPTC load current is common to the
ISL6436EVAL1 bias connections.
By enabling either or both of the ISL6436L switches by
signaling TP3 and / or TP4 low (<0.6V) these switches are also
loaded with a nominal 500mA current. See Figures 3 and 8 for
typical ISL6436 turn-on and off waveforms.
Provided test points enable the evaluation of voltage loss
across the PPTC (TP9 - TP10) and the ISL6436 enabled
switches (TP9 - TP6 and TP7). Expect to see 50% - 300%
greater voltage loss across typical PPTCs devices than the
ISL6436. See Figure 13 for a voltage loss comparison across
ISL6436 and PPTC device.
An overcurrent (OC) condition can be invoked on both the
ISL6436 and the PPTC by driving TP11 to +6V, causing SW1 to
close and a nominal 1.5A load is imposed. This represents a
current over load to the ISL6436 and is thus quickly current
regulated to the 1A limit. If the OC duration extends beyond the
nominal 12ms of the internal ISL6436L timer then the output is
latched off and the fault output is asserted by being pulled low
turning on the appropriate FAULT LED, see Figure 10. (Please
note: the labeling for FAULT-1 and FAULT-2 is reversed). The
eval board is designed to only invoke an OC condition on
channel 2 (TP4) so that a channel to channel isolation
evaluation in the presence of an OC condition can be evaluated.
See Figure 18.
The primary function of any OC protection device is to quickly
isolate the voltage bus from a faulty load. Unlike the PPTC and
other vendor available IC products, the ISL6436 internal timer
that starts upon OC detection provides consistent protection
that is not temperature dependent. See Figures 14 and 15 for a
comparison of the time to protection offered by the ISL6436 vs
the PPTC. Figure 14 illustrates the ISL6436 timed latch-off of
12mS with a 1.5A load and Figure 15 shows the 8s latch-off of
the PPTC at approximately its trip current rating of 1.5A.
Using the ISL6436USBEVAL1 Platform
General and Biasing Information
The ISL6436USBEVAL1 platform, Figure 20 allows evaluation
of the ISL6436 dual power supply control IC in an USB
environment.
The evaluation platform is biased and monitored through
numerous test points (TP#), see Table 2 for test point
assignments and descriptions.
Upon proper bias the ISL6436L is held off through pull up
resistors on the enable pins and is enabled by signaling either
or both of the ISL6436L switches TP3, and / or TP4 low
(<0.6V).
The USB connector is provided so that either test loads or USB
peripherals can be powered. In addition, differential signalling
(D+ and D-) access points are provided for each output port so
that I/O activity can also be conducted in a prototype
environment.
TABLE 1. ISL6436EVAL1 TEST POINT ASSIGNMENTS
TP #
DESCRIPTION
TP1
Eval Board and IC GND
TP2
Eval Bd +5V Bias
TP3
Enable Switch 1
TP4
Enable Switch 2
TP5
Switch 2 Fault
TP6
Switch Out 2
TP7
Switch Out 1
TP8
Switch 1 Fault
TP9
IC VIN Pin
TP10
PPTC Load Side
TP11
Invoke Overcurrent
TABLE 2. ISL6436USBEVAL1 TEST POINT ASSIGNMENTS
TP #
DESCRIPTION
TP1
Eval Board and IC GND
TP2
Eval Bd +5V Bias
TP3
Enable Switch 1
TP4
Enable Switch 2
TP5
Switch 1 Fault
TP8
Switch 2 Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com