Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6436LIB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6436LIB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6436LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 9Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 10Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 11Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 12Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL6436
FN9023 Rev 0.00
Page 10 of 13
Aug 10, 2001
TABLE 3. ISL6436EVAL1 BOARD COMPONENT LISTING
COMPONENT
DESIGNATOR
COMPONENT FUNCTION
COMPONENT DESCRIPTION
DUT1
ISL6436
Intersil, ISL6436LIB 3.3V Aux HotPlug Controller
R1 - R3
500mA Nominal Load Resistors
YAGEO, 10
5%, 5W, 10W-5-ND
R4 - R5
1.5A Current Over Load Resistors
YAGEO, 5
5%, 5W, 5W-5-ND
R6 - R10
LED Current Limiting Resistor
470
, 0805
C1
Decoupling Capacitor
0.1
F, 0805
C2 - C4
Load Capacitor
10
F 16V Electrolytic, Radial Lead
D1 - D5
Indicating LEDs
0805, SMD LEDs Red
F1
PPTC (Polymer Positive Temperature Coefficient)
Raychem, Poly Switch, RXE075 or Equivalent
SW1(Q1)
Current Over Load Invoking Switch Access TP11
Intersil, ITF86110DK8T, 7.5A, 30V, 0.025
, Dual N-channel, Logic
Level Power MOSFET
FIGURE 19. ISL6436EVAL1 BOARD SCHEMATIC AND PHOTOGRAPH
1
2
3
4
8
7
6
EN2 FAULT_OUT2
VIN
OUT1
OUT2
EN1
ISL6436
ISL6436EVAL1
FAULT_OUT1
C1
C2
C4
C3
R1
R2
R3
R4
R5
D1
D2
D3
D4
D5
R6
R7
R8
R10
F1
SW1
TP2
5
R9
(VIN)
TP3
TP4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com