Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6436LIB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6436LIB Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6436LIB Datasheet HTML 1Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 2Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 3Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 4Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN9023 Rev 0.00
Page 1 of 13
Aug 10, 2001
FN9023
Rev 0.00
Aug 10, 2001
ISL6436
USB Dual Port Power Supply Controller
DATASHEET
The ISL6436 is a USB dual port power controller, fully
independent overcurrent (OC) fault protection IC.
Operational over the +2.5V to +5.5V range, this device
features internal current monitoring, accurate current
limiting, integrated power switches and current limited
delay to latch-off for system protection.
The ISL6436 current sense and limiting circuitry sets the
current limit to a nominal 1A, making this device well suited for
the USB port power management application. The ISL6436
provides OC fault notification, accurate current limiting and a
consistent timed latch-off thus isolating and protecting the
voltage bus in the presence of an OC event or short circuit. The
12ms time to latch-off is independent of the adjoining switch’s
electrical or thermal condition and the OC response time is
inversely related to the OC magnitude.
Each ISL6436 incorporates in a single 8 lead SOIC
package two 80m
 N-channel MOSFET power switches
for power control. Each switch is driven by a constant
current source giving a controlled ramp up of the output
voltage. This provides a soft start turn-on eliminating bus
voltage drooping caused by inrush current while charging
heavy load capacitances. Independent enabling inputs and
fault reporting outputs for each channel are compatible with
3V and 5V logic to allow external control and monitoring.
The ISL6436 undervoltage lockout feature prevents turn-on
of the outputs unless the correct ENABLE state and VIN >
2.5V are present. During initial turn-on the ISL6436
prevents fault reporting by blanking the fault signal. Rising
and falling outputs are current limited voltage ramps so that
both the inrush current and voltage slew rate are limited,
independent of load. This reduces supply droop due to
surge and eliminates the need for external EMI filters.
During operation, once an OC condition is detected the
appropriate output is current limited for 12ms to allow
transient conditions to pass. If still in current limit after the
current limit period has elapsed, the output is then latched
off and the fault is reported by pulling the corresponding
FAULT low. The FAULT signal is latched low until reset by
the ENABLE signal being de-asserted at which time the
FAULT signal will clear.
Features
•80m
 Integrated Power N-channel MOSFET Switches
• Accurate Current Sensing and 1A Current Limiting
• 12ms Fault Delay to Latch-Off, No Thermal Dependency
• 2.5V to 5.5V Operating Range
• Disabled Output Internally Pulled Low
• Undervoltage Lockout
• Controlled Turn-on Ramp Time
• Channel Independent Fault Output Signals
• Compatible with 3.3V and 5V Logic Families
• Channel Independent Logic Level Enable High Inputs
(ISL6436H) or Enable Low Inputs (ISL6436L)
Applications
• USB Port Power Management
• Electronic Circuit Limiting and Breaker
Pinout
ISL6436 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
ISL6436LIB
-40 to 85 8 Lead SOIC
M8.15
ISL6436LIB-T
-40 to 85 8 Lead SOIC Tape and Reel
ISL6436HIB
-40 to 85 8 Lead SOIC
M8.15
ISL6436HIB-T
-40 to 85 8 Lead SOIC Tape and Reel
ISL6436EVAL1
Evaluation Platform
ISL6436USBEVAL1 USB Dual Port Evaluation Platform
1
2
3
4
8
7
6
5
VIN
OUT_1
OUT_2
FAULT_1
FAULT_2
GND
ENABLE_1
ENABLE_2


Similar Part No. - ISL6436LIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6436LIB INTERSIL-ISL6436LIB Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6436LIB-T INTERSIL-ISL6436LIB-T Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
More results

Similar Description - ISL6436LIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
Dual USB Port Power Supply Controller
October 22, 2010
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
June 27, 2011
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
USB Port Power Supply Controller
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
USB Port Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com