Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1611ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1611ARMZ-R7
Description  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1611ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1611ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP1611
Rev. 0 | Page 9 of 20
CH1 10.0mV
Ω
M2.00
µs
A CH1
4.8mV
2
1
CH2 200mV
VIN = 5V
VOUT = 20V
COUT = 10µF
L = 10
µH
FSW = 700kHz
RC = 400kΩ
CC = 100pF
CH1 = ILOAD 200mA/DIV
CH2 = VOUT 200mV/DIV
T
571.200
µs
Figure 22. Load Transient Response, 700 kHz, VOUT = 20 V
CH1 10.0mV
Ω
M200
µs
A CH1
7.20mV
2
1
CH2 200mV
VIN = 5V
VOUT = 20V
COUT = 10µF
L = 10
µH
FSW = 1.2MHz
RC = 400kΩ
CC = 100pF
CH1 = ILOAD 200mA/DIV
CH2 = VOUT 200mV/DIV
T
488.000
µs
Figure 23. Load Transient Response, 1.2 MHz, VOUT = 20 V
CH1 10.0mV
Ω
M200
µs
A CH3
680mV
4
3
2
1
CH3 1.00V
CH2 10.0V
CH4 2.00V
VIN = 5V
VOUT = 20V
IOUT = 200mA
CSS = 0F
CH1 = IL 2A/DIV
CH2 = VOUT 10V/DIV
CH3 = SD 1V/DIV
CH4 = COMP 2V/DIV
Figure 24. Start-Up Response from Shutdown, CSS = 0 F
CH1 10.0mV
Ω
M400
µs
A CH3
680mV
4
3
2
1
CH3 1.00V
CH2 10.0V
CH4 2.00V
VIN = 5V
VOUT = 20V
IOUT = 200mA
CSS = 100nF
CH1 = IL 2A/DIV
CH2 = VOUT 10V/DIV
CH3 = SD 1V/DIV
CH4 = COMP 2V/DIV
Figure 25. Start-Up Response from Shutdown, CSS = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com