Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1611ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1611ARMZ-R7
Description  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1611ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1611ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP1611
Rev. 0 | Page 14 of 20
APPLICATION CIRCUITS
The circuit in Figure 27 shows the ADP1611 in a step-up
configuration. The ADP1611 is used here to generate a 15 V
regulator with the following specifications:
VIN = 3.5 V to 5.5 V
VOUT = 15 V
IOUT ≤ 400 mA
The output can be set to the desired voltage using Equation 2.
Use Equations 16 and 17 to change the compensation network.
IN
SD
SS
RT
SW
ON
FB
COMP
CSS
22nF
GND
L1
4.7
µH
D1
ADP1611
5
6
3
2
7
8
1
4
CIN
10
µF
CCOMP
150pF
RCOMP
220k
Ω
COUT
10
µF
R1
112k
Ω
R2
10k
Ω
5V
15V
Figure 27. 5 V to 15 V Step-Up Regulator
STEP-UP DC-TO-DC CONVERTER WITH TRUE
SHUTDOWN
Some battery-powered applications require very low standby
current. The ADP1611 typically consumes 10 nA from the
input, which makes it suitable for these applications. However,
the output is connected to the input through the inductor and
the rectifying diode, allowing load current draw from the input
while shut down. The circuit in Figure 28 enables the ADP1611
to achieve output load disconnect at shutdown. To shut down
the ADP1611 and disconnect the output from the input, drive
the SD pin below 0.4 V.
IN
SHDN
SS
RT
SW
FB
COMP
22nF
GND
4.7
µH
ADP1611
5
6
3
2
7
8
1
4
10
µF
B
Q1
A
Q1
FDC6331
150pF
220k
Ω
10
µF
112k
Ω
ON
10k
Ω
10k
Ω
5V
15V
Figure 28. Step-Up Regulator with True Shutdown
TFT LCD BIAS SUPPLY
Figure 29 shows a power supply circuit for TFT LCD module
applications. This circuit has +10 V, −5 V, and +22 V outputs.
The +10 V is generated in the step-up configuration. The −5 V
and +22 V are generated by the charge-pump circuit. During
step-up , the SW node switches between 10 V and ground
(neglecting forward drop of the diode and on resistance of the
switch). When the SW node is high, C5 charges up to 10 V. C5
holds its charge and forward-biases D8 to charge C6 to −10 V.
The Zener diode, D9, clamps and regulates the output to −5 V.
IN
SD
SS
RT
SW
ON
FB
COMP
CSS
22nF
GND
L1
4.7
µH
D1
D2
D3
BAV99
BAV99
BZT52C22
BZT52C5VIS
BAV99
ADP1611
5
6
3
2
7
8
1
4
C1
10nF
CIN
10
µF
CCOMP
150pF
RCOMP
220k
Ω
COUT
10
µF
C2
1
µF
C3
10
µF
R1
71.3k
Ω
R2
10k
Ω
D5
D9
3.3V
VGL
–5V
VGH
22V
10V
D5
D4
D8
D7
C4
10nF
R3
200
Ω
C5
10nF
C6
10
µF
R4
200
Ω
Figure 29. TFT LCD Bias Supply
The VGH output is generated in a similar manner by the
charge-pump capacitors, C1, C2, and C4. The output voltage is
tripled and regulated down to 22 V by the Zener diode, D5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com