Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1611ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1611ARMZ-R7
Description  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1611ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1611ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP1611
Rev. 0 | Page 11 of 20
Table 4. Inductor Manufacturers
Vendor
Part
L (µH)
Max DC Current
Max DCR (mΩ)
Height (mm)
CMD4D11-2R2MC
2.2
0.95
116
1.2
CMD4D11-4R7MC
4.7
0.75
216
1.2
CDRH4D28-100
10
1.00
128
3.0
CDRH5D18-220
22
0.80
290
2.0
CR43-4R7
4.7
1.15
109
3.5
Sumida
847-956-0666
www.sumida.com
CR43-100
10
1.04
182
3.5
DS1608-472
4.7
1.40
60
2.9
Coilcraft 847-639-6400
www.coilcraft.com
DS1608-103
10
1.00
75
2.9
D52LC-4R7M
4.7
1.14
87
2.0
Toko 847-297-0070
www.tokoam.com
D52LC-100M
10
0.76
150
2.0
Using the duty cycle and switching frequency, fSW, determine
the on time by the following equation:
tON =
SW
f
D
(4)
The inductor ripple current (∆IL) in steady state is
∆ IL =
L
t
V
ON
IN ×
(5)
Solving for the inductance value, L,
L =
L
ON
IN
I
t
V
∆
×
(6)
Make sure that the peak inductor current (the maximum input
current plus half the inductor ripple current) is below the rated
saturation current of the inductor. Likewise, make sure that the
maximum rated rms current of the inductor is greater than the
maximum dc input current to the regulator.
For duty cycles greater than 50%, which occur with input
voltages greater than one-half the output voltage, slope
compensation is required to maintain stability of the current-
mode regulator. For stable current-mode operation, ensure that
the selected inductance is equal to or greater than LMIN
SW
IN
OUT
MIN
f
V
V
L
L
×
−
=
>
A
8
.
1
(7)
CHOOSING THE INPUT AND OUTPUT CAPACITORS
The ADP1611 requires input and output bypass capacitors to
supply transient currents while maintaining constant input and
output voltage. Use a low equivalent series resistance (ESR)
input capacitor, 10 µF or greater, to prevent noise at the
ADP1611 input. Place the capacitor between IN and GND as
close to the ADP1611 as possible. Ceramic capacitors are
preferred because of their low ESR characteristics. Alternatively,
use a high value, medium ESR capacitor in parallel with a 0.1 µF
low ESR capacitor as close to the ADP1611 as possible.
The output capacitor maintains the output voltage and supplies
current to the load while the ADP1611 switch is on. The value
and characteristics of the output capacitor greatly affect the
output voltage ripple and stability of the regulator. Use a low
ESR output capacitor; ceramic dielectric capacitors are
preferred.
For very low ESR capacitors, such as ceramic capacitors, the
ripple current due to the capacitance is calculated as follows.
Because the capacitor discharges during the on time, tON, the
charge removed from the capacitor, QC, is the load current
multiplied by the on time. Therefore, the output voltage ripple
(∆VOUT) is
OUT
ON
L
OUT
C
OUT
C
t
I
C
Q
V
×
=
=
∆
(8)
where:
COUT is the output capacitance.
IL is the average inductor current.
SW
ON
f
D
t
=
and
OUT
IN
OUT
V
V
V
D
−
=
Choose the output capacitor based on the following equation:
OUT
OUT
SW
IN
OUT
L
OUT
V
V
f
V
V
I
C
∆
×
×
−
×
≥
)
(
(9)
Table 5. Capacitor Manufacturers
Vendor
Phone No.
Web Address
AVX
408-573-4150
www.avxcorp.com
Murata
714-852-2001
www.murata.com
Sanyo
408-749-9714
www.sanyovideo.com
Taiyo–Yuden
408-573-4150
www.t-yuden.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com