Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1611ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1611ARMZ-R7
Description  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1611ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1611ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADP1611
Rev. 0 | Page 15 of 20
SEPIC POWER SUPPLY
The circuit in Figure 30 shows the ADP1611 in a single-ended
primary inductance converter (SEPIC) topology. This topology
is useful for an unregulated input voltage, such as a battery-
powered application in which the input voltage can vary
between 2.7 V to 5 V, and the regulated output voltage falls
within the input voltage range.
The input and the output are dc-isolated by a coupling capaci-
tor, C1. In steady state, the average voltage of C1 is the input
voltage. When the ADP1611 switch turns on and the diode
turns off, the input voltage provides energy to L1, and C1
provides energy to L2. When the ADP1611 switch turns off and
the diode turns on, the energy in L1 and L2 is released to charge
the output capacitor, COUT, and the coupling capacitor, C1, and
to supply current to the load.
2.5V–5.5V
3.3V
IN
SD
SS
RT
SW
ON
FB
COMP
CSS
22nF
GND
L1
4.7
µH
L2
4.7
µH
ADP1611
5
6
3
2
7
8
1
4
CIN
10
µF
CCOMP
1nF
RCOMP
60k
Ω
COUT
10
µF
C1
10
µF
R1
16.8k
Ω
R2
10k
Ω
Figure 30. 3.3 V DC-to-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com