Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1611ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1611ARMZ-R7
Description  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1611ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1611ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP1611
Rev. 0 | Page 12 of 20
DIODE SELECTION
The output rectifier conducts the inductor current to the output
capacitor and load while the switch is off. For high efficiency,
minimize the forward voltage drop of the diode. For this reason,
Schottky rectifiers are recommended. However, for high
voltage, high temperature applications where the Schottky
rectifier reverse leakage current becomes significant and can
degrade efficiency, use an ultrafast junction diode.
Make sure that the diode is rated to handle the average output
load current. Many diode manufacturers derate the current
capability of the diode as a function of the duty cycle. Verify
that the output diode is rated to handle the average output load
current with the minimum duty cycle. The minimum duty cycle
of the ADP1611 is
OUT
MAX
IN
OUT
MIN
V
V
V
D
−
−
=
(10)
where VIN-MAX is the maximum input voltage.
Table 6. Schottky Diode Manufacturers
Vendor
Phone No.
Web Address
On Semiconductor
602-244-6600
www.onsemi.com
Diodes, Inc.
805-446-4800
www.diodes.com
Central Semiconductor
631-435-1110
www.centralsemi.com
Sanyo
310-322-3331
www.sanyo.com
LOOP COMPENSATION
The ADP1611 uses external components to compensate the
regulator loop, allowing optimization of the loop dynamics for a
given application.
The step-up converter produces an undesirable right-half plane
zero in the regulation feedback loop. This requires compen-
sating the regulator such that the crossover frequency occurs
well below the frequency of the right-half plane zero. The right-
half plane zero is determined by the following equation:
L
R
V
V
RHP
F
LOAD
OUT
IN
Z
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
π
2
)
(
2
(11)
where:
FZ(RHP) is the right-half plane zero.
RLOAD is the equivalent load resistance or the output voltage
divided by the load current.
To stabilize the regulator, ensure that the regulator crossover
frequency is less than or equal to one-fifth of the right-half
plane zero and less than or equal to one-fifteenth of the
switching frequency.
The regulator loop gain is
OUT
CS
COMP
MEA
OUT
IN
OUT
FB
VL
Z
G
Z
G
V
V
V
V
A
×
×
×
×
×
=
(12)
where:
AVL is the loop gain.
VFB is the feedback regulation voltage, 1.230 V.
VOUT is the regulated output voltage.
VIN is the input voltage.
GMEA is the error amplifier transconductance gain.
ZCOMP is the impedance of the series RC network from COMP to
GND.
GCS is the current-sense transconductance gain (the inductor
current divided by the voltage at COMP), which is internally set
by the ADP1611.
ZOUT is the impedance of the load and output capacitor.
To determine the crossover frequency, it is important to note
that, at that frequency, the compensation impedance (ZCOMP) is
dominated by the resistor, and the output impedance (ZOUT) is
dominated by the impedance of the output capacitor. So, when
solving for the crossover frequency, the equation (by definition
of the crossover frequency) is simplified to
1
2
1
|
|
=
×
×
×
×
×
×
×
=
OUT
C
C
f
CS
G
COMP
R
MEA
G
OUT
V
IN
V
OUT
V
FB
V
VL
A
π
(13)
where fC is the crossover frequency and RCOMP is the
compensation resistor.
Solving for RCOMP
CS
MEA
IN
FB
OUT
OUT
OUT
C
COMP
G
G
V
V
V
V
C
f
R
×
×
×
×
×
×
×
=
π
2
(14)
For VFB = 1.23, GMEA = 100 µS, and GCS = 2 S
IN
OUT
OUT
OUT
C
COMP
V
V
V
C
f
R
×
×
×
×
×
=
4
10
55
.
2
(15)
Once the compensation resistor is known, set the zero formed
by the compensation capacitor and resistor to one-fourth of the
crossover frequency, or
COMP
C
COMP
R
f
C
×
×
=
π
2
(16)
where CCOMP is the compensation capacitor.
The capacitor, C2, is chosen to cancel the zero introduced by
output capacitance ESR.
Solving for C2,
COMP
OUT
R
C
ESR
C2
×
=
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com