Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N555 Datasheet(PDF) 4 Page - Texas Instruments

Part # N555
Description  PRECISION TIMERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

N555 Datasheet(HTML) 4 Page - Texas Instruments

  N555 Datasheet HTML 1Page - Texas Instruments N555 Datasheet HTML 2Page - Texas Instruments N555 Datasheet HTML 3Page - Texas Instruments N555 Datasheet HTML 4Page - Texas Instruments N555 Datasheet HTML 5Page - Texas Instruments N555 Datasheet HTML 6Page - Texas Instruments N555 Datasheet HTML 7Page - Texas Instruments N555 Datasheet HTML 8Page - Texas Instruments N555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
18
V
VI
Input voltage
CONT, RESET, THRES, TRIG
VCC
V
IO
Output current
±225
mA
D package
97
P package
85
θ
JA
Package thermal impedance(3)(4)
°C/W
PS package
95
PW package
149
FK package
5.61
θ
JC
Package thermal impedance(5)(6)
°C/W
JG package
14.5
TJ
Operating virtual junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1, 6 mm (1/16 in) from case for 60 s
JG package
300
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) - TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) - TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with MIL-STD-883.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
NA555, NE555, SA555
4.5
16
VCC
Supply voltage
V
SE555
4.5
18
VI
Input voltage
CONT, RESET, THRES, and TRIG
VCC
V
IO
Output current
±200
mA
NA555
–40
105
NE555
0
70
TA
Operating free-air temperature
°C
SA555
–40
85
SE555
–55
125
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com