Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N555 Datasheet(PDF) 1 Page - Texas Instruments

Part # N555
Description  PRECISION TIMERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

N555 Datasheet(HTML) 1 Page - Texas Instruments

  N555 Datasheet HTML 1Page - Texas Instruments N555 Datasheet HTML 2Page - Texas Instruments N555 Datasheet HTML 3Page - Texas Instruments N555 Datasheet HTML 4Page - Texas Instruments N555 Datasheet HTML 5Page - Texas Instruments N555 Datasheet HTML 6Page - Texas Instruments N555 Datasheet HTML 7Page - Texas Instruments N555 Datasheet HTML 8Page - Texas Instruments N555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
1
2
3
4
8
7
6
5
GND
TRIG
OUT
RESET
V
CC
DISCH
THRES
CONT
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
DISCH
NC
THRES
NC
NC
TRIG
NC
OUT
NC
NC – No internal connection
NA555...D OR P PACKAGE
NE555...D, P, PS, OR PW PACKAGE
SA555...D OR P PACKAGE
SE555...D, JG, OR P PACKAGE
(TOP VIEW)
SE555...FK PACKAGE
(TOP VIEW)
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
•
Timing From Microseconds to Hours
•
Adjustable Duty Cycle
•
Astable or Monostable Operation
•
TTL-Compatible Output Can Sink or Source
up to 200 mA
These devices are precision timing circuits capable of producing accurate time delays or oscillation. In the
time-delay or monostable mode of operation, the timed interval is controlled by a single external resistor and
capacitor network. In the astable mode of operation, the frequency and duty cycle can be controlled
independently with two external resistors and a single external capacitor.
The threshold and trigger levels normally are two-thirds and one-third, respectively, of VCC. These levels can be
altered by use of the control-voltage terminal. When the trigger input falls below the trigger level, the flip-flop is
set, and the output goes high. If the trigger input is above the trigger level and the threshold input is above the
threshold level, the flip-flop is reset and the output is low. The reset (RESET) input can override all other inputs
and can be used to initiate a new timing cycle. When RESET goes low, the flip-flop is reset, and the output goes
low. When the output is low, a low-impedance path is provided between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing current up to 200 mA. Operation is specified for supplies of
5 V to 15 V. With a 5-V supply, output levels are compatible with TTL inputs.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1973–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - N555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
N555 TI-N555 Datasheet
559Kb / 27P
PRECISION TIMERS
logo
New Jersey Semi-Conduct...
N5556V NJSEMI-N5556V Datasheet
292Kb / 1P
ELECTRICAL CHARACTERISTICS
More results

Similar Description - N555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
logo
ARTSCHIP ELECTRONICS CO...
NE555 ARTSCHIP-NE555 Datasheet
787Kb / 18P
PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com