Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N555 Datasheet(PDF) 11 Page - Texas Instruments

Part # N555
Description  PRECISION TIMERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

N555 Datasheet(HTML) 11 Page - Texas Instruments

Back Button N555 Datasheet HTML 7Page - Texas Instruments N555 Datasheet HTML 8Page - Texas Instruments N555 Datasheet HTML 9Page - Texas Instruments N555 Datasheet HTML 10Page - Texas Instruments N555 Datasheet HTML 11Page - Texas Instruments N555 Datasheet HTML 12Page - Texas Instruments N555 Datasheet HTML 13Page - Texas Instruments N555 Datasheet HTML 14Page - Texas Instruments N555 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
t
H +
0.693 (R
A )
R
B)
C
t
L +
0.693 (R
B)
C
Other useful relationships are shown below.
period + tH ) tL + 0.693 (RA ) 2RB) C
frequency [
1.44
(R
A )
2R
B
) C
Output driver duty cycle +
t
L
t
H )
t
L
+
R
B
R
A )
2R
B
Output waveform duty cycle
+
t
L
t
H
+
R
B
R
A )
R
B
Low-to-high ratio
+
t
H
t
H )
t
L
+ 1–
R
B
R
A )
2R
B
C − Capacitance −
µF
100 k
10 k
1 k
100
10
1
100
10
1
0.1
0.01
0.1
0.001
RA + 2 RB = 10 MΩ
RA + 2 RB = 1 MΩ
RA + 2 RB = 100 kΩ
RA + 2 RB = 10 kΩ
RA + 2 RB = 1 kΩ
Missing-Pulse Detector
Time − 0.1 ms/div
VCC = 5 V
RA = 1 kΩ
C = 0.1
µF
See Figure 15
Capacitor Voltage
Output Voltage
Input Voltage
VCC (5 V to 15 V)
DISCH
OUT
VCC
RESET
RL
RA
A5T3644
C
THRES
GND
CONT
TRIG
Input
0.01
µF
Output
4
8
3
7
6
2
5
1
Pin numbers shown are shown for the D, JG, P, PS, and PW packages.
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
APPLICATION INFORMATION (continued)
Figure 13 shows typical waveforms generated during astable operation. The output high-level duration tH and
low-level duration tL can be calculated as follows:
Figure 14. Free-Running Frequency
The circuit shown in Figure 15 can be used to detect a missing pulse or abnormally long spacing between
consecutive pulses in a train of pulses. The timing interval of the monostable circuit is retriggered continuously
by the input pulse train as long as the pulse spacing is less than the timing interval. A longer pulse spacing,
missing pulse, or terminated pulse train permits the timing interval to be completed, thereby generating an
output pulse as shown in Figure 16.
Figure 15. Circuit for Missing-Pulse Detector
Figure 16. Completed Timing Waveforms for
Missing-Pulse Detector
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com