Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N555 Datasheet(PDF) 6 Page - Texas Instruments

Part # N555
Description  PRECISION TIMERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

N555 Datasheet(HTML) 6 Page - Texas Instruments

Back Button N555 Datasheet HTML 2Page - Texas Instruments N555 Datasheet HTML 3Page - Texas Instruments N555 Datasheet HTML 4Page - Texas Instruments N555 Datasheet HTML 5Page - Texas Instruments N555 Datasheet HTML 6Page - Texas Instruments N555 Datasheet HTML 7Page - Texas Instruments N555 Datasheet HTML 8Page - Texas Instruments N555 Datasheet HTML 9Page - Texas Instruments N555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
Operating Characteristics
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
V
CC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
NA555
SE555
NE555
TEST
PARAMETER
UNIT
SA555
CONDITIONS(1)
MIN
TYP
MAX
MIN
TYP
MAX
Each timer, monostable(3)
TA = 25°C
0.5
1.5(4)
1
3
Initial error of timing
%
interval(2)
Each timer, astable(5)
1.5
2.25
Each timer, monostable(3)
TA = MIN to MAX
30
100(4)
50
Temperature coefficient of
ppm/
timing interval
°C
Each timer, astable(5)
90
150
Each timer, monostable(3)
TA = 25°C
0.05
0.2(4)
0.1
0.5
Supply-voltage sensitivity of
%/V
timing interval
Each timer, astable(5)
0.15
0.3
CL = 15 pF,
Output-pulse rise time
100
200(4)
100
300
ns
TA = 25°C
CL = 15 pF,
Output-pulse fall time
100
200(4)
100
300
ns
TA = 25°C
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
Timing interval error is defined as the difference between the measured value and the average value of a random sample from each
process run.
(3)
Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA = 2 kΩ to 100 kΩ,
C = 0.1
µF.
(4)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(5)
Values specified are for a device in an astable circuit similar to Figure 12, with the following component values: RA = 1 kΩ to 100 kΩ,
C = 0.1
µF.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com