Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N555 Datasheet(PDF) 12 Page - Texas Instruments

Part # N555
Description  PRECISION TIMERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

N555 Datasheet(HTML) 12 Page - Texas Instruments

Back Button N555 Datasheet HTML 8Page - Texas Instruments N555 Datasheet HTML 9Page - Texas Instruments N555 Datasheet HTML 10Page - Texas Instruments N555 Datasheet HTML 11Page - Texas Instruments N555 Datasheet HTML 12Page - Texas Instruments N555 Datasheet HTML 13Page - Texas Instruments N555 Datasheet HTML 14Page - Texas Instruments N555 Datasheet HTML 15Page - Texas Instruments N555 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
Frequency Divider
Time − 0.1 ms/div
Capacitor Voltage
Output Voltage
Input Voltage
VCC = 5 V
RA = 1250 Ω
C = 0.02
µF
See Figure 9
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
APPLICATION INFORMATION (continued)
By adjusting the length of the timing cycle, the basic circuit of Figure 9 can be made to operate as a frequency
divider. Figure 17 shows a divide-by-three circuit that makes use of the fact that retriggering cannot occur during
the timing cycle.
Figure 17. Divide-by-Three Circuit Waveforms
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com