Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16006/PCB Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16006/PCB
Description  Dual-Axis -5 Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16006/PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16006/PCB Datasheet HTML 2Page - Analog Devices ADIS16006/PCB Datasheet HTML 3Page - Analog Devices ADIS16006/PCB Datasheet HTML 4Page - Analog Devices ADIS16006/PCB Datasheet HTML 5Page - Analog Devices ADIS16006/PCB Datasheet HTML 6Page - Analog Devices ADIS16006/PCB Datasheet HTML 7Page - Analog Devices ADIS16006/PCB Datasheet HTML 8Page - Analog Devices ADIS16006/PCB Datasheet HTML 9Page - Analog Devices ADIS16006/PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADIS16006
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
3500 g
Acceleration (Any Axis, Powered)
3500 g
VCC
−0.3 V to +7.0 V
All Other Pins
(COM − 0.3 V) to
(VCC + 0.3 V)
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Operating Temperature Range
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Table 4. Package Characteristics
Package Type
θCA
θJC
Device Weight
12-Lead LGA
200°C/W
25°C/W
0.3 grams
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
1.0755
8× BSC
0.670
8× BSC
1.127
12× BSC
0.500
12× BSC
5.873
2×
Figure 5. Second Level Assembly Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com