Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16006/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16006/PCB
Description  Dual-Axis -5 Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16006/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16006/PCB Datasheet HTML 4Page - Analog Devices ADIS16006/PCB Datasheet HTML 5Page - Analog Devices ADIS16006/PCB Datasheet HTML 6Page - Analog Devices ADIS16006/PCB Datasheet HTML 7Page - Analog Devices ADIS16006/PCB Datasheet HTML 8Page - Analog Devices ADIS16006/PCB Datasheet HTML 9Page - Analog Devices ADIS16006/PCB Datasheet HTML 10Page - Analog Devices ADIS16006/PCB Datasheet HTML 11Page - Analog Devices ADIS16006/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADIS16006
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
262
254
255
256
257
258
259
260
261
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
B1-X
B1-Y
B2-X
B2-Y
B3-X
B3-Y
B4-X
B4-Y
B5-X
B5-Y
Figure 7. Sensitivity vs. Temperature (±1 g Stimulus)
2048
2046
2044
2042
2040
2038
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
AVG AT 3.00V
AVG AT 3.30V
AVG AT 3.60V
AVG AT 4.75V
AVG AT 5.25V
5.25V
Figure 8. X-Axis 0 g Bias vs. Temperature
2048
2046
2044
2042
2040
2038
2047
2045
2043
2041
2039
3.0
5.5
5.0
4.5
4.0
3.5
VCC (V)
–40°C
+25°C
+125°C
Figure 9. X-Axis 0 g Bias vs. Supply Voltage
25
20
15
10
5
0
OUTPUT (LSB)
AVERAGE = 2040.66
STANDARD DEVIATION = 23.19
Figure 10. X-Axis 0 g Bias at 25°C
40
35
30
25
20
15
10
5
0
OUTPUT (LSB)
AVERAGE = 2055.875
STANDARD DEVIATION = 6.464
Figure 11. Y-Axis 0 g Bias at 25°C
60
50
40
30
20
10
0
NOISE (µg/ Hz)
80
85
90
95
100 105 110 115 120 125 130 135 140
Figure 12. Noise (X-Axis) at VCC = 5 V, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com