Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16006/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16006/PCB
Description  Dual-Axis -5 Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16006/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16006/PCB Datasheet HTML 7Page - Analog Devices ADIS16006/PCB Datasheet HTML 8Page - Analog Devices ADIS16006/PCB Datasheet HTML 9Page - Analog Devices ADIS16006/PCB Datasheet HTML 10Page - Analog Devices ADIS16006/PCB Datasheet HTML 11Page - Analog Devices ADIS16006/PCB Datasheet HTML 12Page - Analog Devices ADIS16006/PCB Datasheet HTML 13Page - Analog Devices ADIS16006/PCB Datasheet HTML 14Page - Analog Devices ADIS16006/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADIS16006
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADIS16006 is a low cost, low power, complete dual-axis
accelerometer with an integrated serial peripheral interface
(SPI) and an integrated temperature sensor whose output is
also available on the SPI interface. The ADIS16006 is capable
of measuring acceleration with a full-scale range of ±5 g
(minimum). The ADIS16006 can measure both dynamic
acceleration (that is, vibration) and static acceleration (that is,
gravity).
SELF-TEST
The ST pin controls the self-test feature. When this pin is set to
VCC, an electrostatic force is exerted on the beam of the acceler-
ometer. The resulting movement of the beam allows the user to
test if the accelerometer is functional. The typical change in
output is 801 mg (corresponding to 205 LSB) for VCC = 5.0 V.
This pin may be left open-circuit or connected to common in
normal use. The ST pin should never be exposed to voltage
greater than VCC + 0.3 V. If the system design is such that this
condition cannot be guaranteed (that is, multiple supply voltages
present), a low VF clamping diode between ST and VCC is
recommended.
SERIAL INTERFACE
The serial interface on the ADIS16006 consists of five wires: CS,
TCS, SCLK, DIN, and DOUT. Both accelerometer axes and the
temperature sensor data are available on the serial interface.
The CS and TCS are used to select the accelerometer or tem-
perature sensor outputs, respectively. CS and TCS cannot be
active at the same time.
The SCLK input provides access to data from the internal data
registers.
ACCELEROMETER SERIAL INTERFACE
Figure 3 shows the detailed timing diagram for serial interfacing to
the accelerometer in the ADIS16006. The serial clock provides
the conversion clock. CS initiates the conversion process and
data transfer and also frames the serial data transfer for the
accelerometer output. The accelerometer output is sampled on
the second rising edge of the SCLK input after the falling edge
of the CS. The conversion requires 16 SCLK cycles to complete.
The rising edge of CS puts the bus back into three-state. If CS
remains low, the next digital conversion is initiated. The details
for the control register bit functions are shown in Table 6.
Accelerometer Control Register
MSB
LSB
DONTC
ZERO
ZERO
ZERO
ZERO
ONE
ZERO
PM0
Table 6. Accelerometer Control Register Bit Functions
Bit
Mnemonic
Comments
7
DONTC
Don’t care. Can be 1 or 0.
6, 5, 4
ZERO
These bits should be held low.
3
ADD0
This address bit selects the X-axis or Y-axis
outputs. A 0 selects the X-axis; a 1 selects
the Y-axis.
2
ONE
This bit should be held high.
1
ZERO
This bit should be held low.
0
PM0
This bit selects the operation mode for
the accelerometer; set to 0 for normal
operation and 1 for power-down mode.
Power-Down
By setting PM0 to 1 when updating the accelerometer control
register, the ADIS16006 is put into a shutdown mode. The
information stored in the control register is maintained during
shutdown. The ADIS16006 changes modes as soon as the control
register is updated. Therefore, if the part is in shutdown mode
and PM0 is changed to 0, the part powers up on the 16th SCLK
rising edge.
ADD0
By setting ADD0 to 0 when updating the accelerometer control
register, the X-axis output is selected. By setting ADD0 to 1, the
Y-axis output is selected.
ZERO
ZERO is defined as the logic low level.
ONE
ONE is defined as the logic high level.
DONTC
DONTC is defined as don’t care and can be a low or high logic
level.
Accelerometer Conversion Details
Every time the accelerometer is sampled, the sampling function
discharges the internal CX or CY filtering capacitors by up to 2%
of their initial values (assuming no additional external filtering
capacitors have been added). The recovery time for the filter
capacitor to recharge is approximately 10 μs. Thus, sampling the
accelerometer at a rate of 10 kSPS or less does not induce a
sampling error. However, as sampling frequencies increase
above 10 kSPS, one can expect sampling errors to attenuate the
actual acceleration levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com