Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16006/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16006/PCB
Description  Dual-Axis -5 Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16006/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16006/PCB Datasheet HTML 8Page - Analog Devices ADIS16006/PCB Datasheet HTML 9Page - Analog Devices ADIS16006/PCB Datasheet HTML 10Page - Analog Devices ADIS16006/PCB Datasheet HTML 11Page - Analog Devices ADIS16006/PCB Datasheet HTML 12Page - Analog Devices ADIS16006/PCB Datasheet HTML 13Page - Analog Devices ADIS16006/PCB Datasheet HTML 14Page - Analog Devices ADIS16006/PCB Datasheet HTML 15Page - Analog Devices ADIS16006/PCB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADIS16006
Rev. 0 | Page 14 of 16
APPLICATIONS
SECOND LEVEL ASSEMBLY
The ADIS16006 can be attached to the second-level assembly
board using SN63 (or equivalent) or lead-free solder. Figure 24
and Table 11 provide acceptable solder reflow profiles for each
solder type. Note that these profiles cannot be the optimum
profile for the user’s application. In no case shall 260°C be
exceeded. It is recommended that the user develop a reflow
profile based upon the specific application. In general, keep
in mind the lowest peak temperature and shortest dwell time
above the melt temperature of the solder result in less shock
and stress to the product. In addition, evaluating the cooling
rate and peak temperature can result in a more reliable assembly.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 24. Acceptable Solder Reflow Profiles
Table 11.
Condition
Profile Feature
Sn63/Pb37
Pb-free
Average Ramp Rate (TL to TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (ts)
60 sec to
120 sec
60 sec to
150 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
3°C/sec
Time Maintained
Above Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to
150 sec
60 sec to
150 sec
Peak Temperature (TP)
240°C +
0°C/−5°C
260°C +
0°C/−5°C
Time Within 5°C of Actual Peak
Temperature (tp)
10 sec to
30 sec
20 sec to
40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 min max
8 min max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com