Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16006/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16006/PCB
Description  Dual-Axis -5 Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16006/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16006/PCB Datasheet HTML 5Page - Analog Devices ADIS16006/PCB Datasheet HTML 6Page - Analog Devices ADIS16006/PCB Datasheet HTML 7Page - Analog Devices ADIS16006/PCB Datasheet HTML 8Page - Analog Devices ADIS16006/PCB Datasheet HTML 9Page - Analog Devices ADIS16006/PCB Datasheet HTML 10Page - Analog Devices ADIS16006/PCB Datasheet HTML 11Page - Analog Devices ADIS16006/PCB Datasheet HTML 12Page - Analog Devices ADIS16006/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADIS16006
Rev. 0 | Page 9 of 16
45
40
35
30
25
20
15
10
5
0
NOISE (µg/ Hz)
80
85
90
95
100 105 110 115 120 125 130 135 140
Figure 13. Noise (Y-Axis) at VCC = 5 V, 25°C
40
35
30
25
20
15
10
5
0
OUTPUT (LSB)
110
130
150
170
190
210
230
250
270
290
AVERAGE = 202.2137
STANDARD DEVIATION = 12.09035
Figure 14. X-Axis Self-Test at 25°C, VCC = 5 V
40
35
30
25
20
15
10
5
0
OUTPUT (LSB)
110
105
100
95
90
85
80
75
70
65
60
55
50
45
40
AVERAGE = 82.89281
STANDARD DEVIATION = 4.908012
Figure 15. X-Axis Self-Test at 25°C, VCC = 3.3 V
250
200
150
100
50
0
TEMPERATURE (°C)
150
50
100
0
–50
AVG AT 3.00V
AVG AT 3.30V
AVG AT 3.60V
AVG AT 4.75V
AVG AT 5.00V
AVG AT 5.25V
Figure 16. Self-Test X-Axis vs. Temperature
250
230
210
190
170
150
130
110
90
70
50
VCC (V)
5.5
+125°C
+25°C
–40°C
4.0
4.5
5.0
3.5
3.0
Figure 17. Self-Test X-Axis vs. Supply Voltage
+125°C
+25°C
–40°C
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
VCC (V)
5.5
4.0
4.5
5.0
3.5
3.0
Figure 18. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com