Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC/D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC604EC/D Datasheet HTML 15Page - NXP Semiconductors MPC604EC/D Datasheet HTML 16Page - NXP Semiconductors MPC604EC/D Datasheet HTML 17Page - NXP Semiconductors MPC604EC/D Datasheet HTML 18Page - NXP Semiconductors MPC604EC/D Datasheet HTML 19Page - NXP Semiconductors MPC604EC/D Datasheet HTML 20Page - NXP Semiconductors MPC604EC/D Datasheet HTML 21Page - NXP Semiconductors MPC604EC/D Datasheet HTML 22Page - NXP Semiconductors MPC604EC/D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
604 Hardware Specifications
19
Preliminary/Subject to Change without Notice
1.6 PowerPC 604 Microprocessor Package
Description
The following sections provide the package parameters and the mechanical dimensions for the 604.
1.6.1 C4-CQFP Package Description
The following sections provide the package parameters and mechanical dimensions for the C4-CQFP
package.
1.6.1.1 Motorola C4-CQFP Package Parameters
The package parameters for the Motorola C4-CQFP are as provided in the following list. The package type
is 40 mm, 304-pin ceramic quad flat pack.
Package outline
40 mm
Interconnects
304
Pitch
0.5 mm
Lead plating
Ni Au
C4 encapsulation
Glass-filled Epoxy
Maximum module height
3.25 mm
Co-planarity specification
0.10 mm
1.6.1.2 IBM C4-CQFP Package Parameters
The package parameters for the IBM C4-CQFP are as provided in the following list. The package type is
40 mm, 304-pin ceramic quad flat pack.
Package outline
40 mm
Interconnects
304
Pitch
0.5 mm
Lead plating
Ni Au
Lead encapsulation
Glass-filled Epoxy
C4 encapsulation
Glass-filled Epoxy
Maximum module height
2.92 mm
Co-planarity specification
0.08 mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com