Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC/D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC604EC/D Datasheet HTML 1Page - NXP Semiconductors MPC604EC/D Datasheet HTML 2Page - NXP Semiconductors MPC604EC/D Datasheet HTML 3Page - NXP Semiconductors MPC604EC/D Datasheet HTML 4Page - NXP Semiconductors MPC604EC/D Datasheet HTML 5Page - NXP Semiconductors MPC604EC/D Datasheet HTML 6Page - NXP Semiconductors MPC604EC/D Datasheet HTML 7Page - NXP Semiconductors MPC604EC/D Datasheet HTML 8Page - NXP Semiconductors MPC604EC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MPC604EC/D
(Motorola Order Number)
11/95
REV 1
MPR604HSU-02
(IBM Order Number)
The PowerPC name, the PowerPC logotype, and PowerPC 604 are trademarks of International Business Machines Corporation.
FLOTHERM is a registered trademark of Flomerics Ltd., UK.
This document contains information on a new product under development by Motorola and IBM. Motorola and IBM reserve the right to
© Motorola Inc. 1995
Portions hereof
© International Business Machines Corp. 1991–1995. All rights reserved.
™
change or discontinue this product without notice.
Advance Information
PowerPC 604™ RISC Microprocessor
Hardware Specifications
The PowerPC 604 microprocessor is an implementation of the PowerPC™ family of
reduced instruction set computer (RISC) microprocessors. This document contains
pertinent physical characteristics of the 604. For information about the functionality of the
604, refer to the PowerPC 604 RISC Microprocessor Users Manual.
This document contains the following topics:
Topic
Page
Section 1.1, “General Parameters”
2
Section 1.2, “Electrical and Thermal Characteristics”
2
Section 1.3, “AC Electrical Characteristics”
3
Section 1.4, “PowerPC 604 Microprocessor Pin Assignments”
11
Section 1.5, “PowerPC 604 Microprocessor Pinout Listings”
14
Section 1.6, “PowerPC 604 Microprocessor Package Description”
19
Section 1.7, “System Design Information”
25
Section 1.8, “Thermal Management Information”
27
Section 1.9, “Ordering Information”
30
In this document, the term “604” is used as an abbreviation for the phrase “PowerPC 604
microprocessor.” The PowerPC 604 microprocessors are available from IBM as PPC604
and from Motorola as MPC604.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC604EC/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
MPC604E9QEC/D NXP-MPC604E9QEC/D Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
More results

Similar Description - MPC604EC/D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
RISC Microprocessor Hardware Specifications
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC603EEC NXP-MPC603EEC Datasheet
401Kb / 32P
PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
5/1999 Rev. 2
MPC603EC NXP-MPC603EC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
MPC603E7VEC NXP-MPC603E7VEC Datasheet
575Kb / 40P
PowerPC 603e™ RISC Microprocessor Family:PID7v-603e Hardware Specifications
REV 1 11/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com