Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC/D Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPC604EC/D Datasheet HTML 24Page - NXP Semiconductors MPC604EC/D Datasheet HTML 25Page - NXP Semiconductors MPC604EC/D Datasheet HTML 26Page - NXP Semiconductors MPC604EC/D Datasheet HTML 27Page - NXP Semiconductors MPC604EC/D Datasheet HTML 28Page - NXP Semiconductors MPC604EC/D Datasheet HTML 29Page - NXP Semiconductors MPC604EC/D Datasheet HTML 30Page - NXP Semiconductors MPC604EC/D Datasheet HTML 31Page - NXP Semiconductors MPC604EC/D Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
604 Hardware Specifications
Preliminary/Subject to Change without Notice
Assuming an air velocity of 1 m/s, we have an effective Rsa of 3 °C/W, thus
Tj = 30°C + 5°C + (0.03 °C/W +1.0 °C/W + 3 °C/W) * 18 W,
resulting in a junction temperature of approximately 107
°C which is more than the maximum operating
temperature of the part. To ensure maximum reliability, it is desirable to operate the 604 well within its
operating temperature range. Thus, to keep an 18-watts 604 within its proper operating range, an air velocity
greater than 1 m/s should be used with the Thermalloy #2333B pin-fin heat sink.
Other heat sinks offered by Thermalloy, Aavid, Wakefield, and IERC offer different heat sink-to-ambient
thermal resistances, and may or may not need air flow. It is necessary to perform an analysis as done above
to select the desired heat sink.
Though the junction-to-ambient and the heat sink-to-ambient thermal resistances are a common figure-of-
merit used for comparing the thermal performance of various microelectronic packaging technologies, one
should exercise caution when only using this metric in determining thermal management because no single
parameter can adequately describe three-dimensional heat flow. The final chip-junction operating
temperature is not only a function of the component-level thermal resistance, but the system-level design
and its operating conditions. In addition to the component's power dissipation, a number of factors affect the
final operating die-junction temperature. These factors might include airflow, board population (local heat
flux of adjacent components), heat sink efficiency, heat sink attach, next-level interconnect technology,
system air temperature rise, etc.
Due to the complexity and the many variations of system-level boundary conditions for today's
microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection and
conduction) may vary widely. For these reasons, we recommend using conjugate heat transfer models for
the board as well as system-level designs. To expedite system-level thermal analysis, several “compact”
thermal-package models are available within FLOTHERM®. These are available upon request.
1.9 Ordering Information
This section provides the part numbering nomenclature for the 604. Note that the individual part numbers
correspond to a specific combination of 604 internal/bus frequencies, which must be observed to ensure
proper operation of the device. For available frequency combinations, contact your local Motorola or IBM
sales office.
In addition to the processor frequency and bus ratio, the part numbering scheme also consists of a part
modifier. The part modifier allows for the availability of future enhanced parts (that is, lower voltage, lower
power, higher performance, etc.).
Each part number also contains a revision code. This refers to the die mask revision number and is specified
in the part numbering scheme for identification purposes only.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com