Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC/D Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC604EC/D Datasheet HTML 22Page - NXP Semiconductors MPC604EC/D Datasheet HTML 23Page - NXP Semiconductors MPC604EC/D Datasheet HTML 24Page - NXP Semiconductors MPC604EC/D Datasheet HTML 25Page - NXP Semiconductors MPC604EC/D Datasheet HTML 26Page - NXP Semiconductors MPC604EC/D Datasheet HTML 27Page - NXP Semiconductors MPC604EC/D Datasheet HTML 28Page - NXP Semiconductors MPC604EC/D Datasheet HTML 29Page - NXP Semiconductors MPC604EC/D Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
604 Hardware Specifications
Preliminary/Subject to Change without Notice
1.7.2 PLL Power Supply Filtering
The AVDD power signal is provided on the 604 to provide power to the clock generation phase-lock loop.
To ensure stability of the internal clock, the power supplied to the AVDD input signal should be filtered
using a circuit similar to the one shown in Figure 16. Note that the capacitors should be placed as close as
possible to the AVDD input signal.
Figure 16. PLL Power Supply Filter Circuit
1.7.3 Decoupling Recommendations
The 604 can generate transient power surges and high frequency noise in its power supply, especially while
driving large capacitive loads. This noise must be prevented from reaching other components in the 604
system, and the 604 itself requires a clean, tightly regulated source of power. Therefore, it is strongly
recommended that the system designer place at least one decoupling capacitor with a low ESR (effective
series resistance) rating at each Vdd and OVdd pin of the 604.
These capacitors should range in value from 220 pF to 10
µF to provide both high- and low-frequency
filtering, and should be placed as close as possible to their associated Vdd pin. Surface-mount tantalum or
ceramic devices are preferred. It is also recommended that these decoupling capacitors receive their power
from Vdd and GND power planes in the PCB, utilizing short traces to minimize inductance in the traces.
Power and ground connections must be made to all external Vdd and GND pins of the 604.
1.7.4 Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. Unused active low inputs should be tied to Vdd. Unused active high inputs should be connected to
GND. All NC (no-connect) pins must remain unconnected.
VDD
AVDD
10 OHMS
10 uF
.1 uF
GND
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com